Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR7V0-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR7V0-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR7V0-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR7V0-HF Datasheet HTML 1Page - Comchip Technology CPDVR7V0-HF Datasheet HTML 2Page - Comchip Technology CPDVR7V0-HF Datasheet HTML 3Page - Comchip Technology CPDVR7V0-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD ESD Protection Diode
Page 2
Comchip Technology CO., LTD.
REV:A
QW-JP071
Company reserves the right to improve product design , functions and reliability without notice.
Rating and Characteristic Curves (CPDVR7V0-HF)
8
16
1
2
4
3
20
12
Fig.4 - VC ― IPP
Reverse Peak Pulse Current, IPP (A)
5
Ta=25°C
tp=8/20µs
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
V(BR)
IT = 1mA
8.2
IR
µA
VRWM = 7V
1
10.5
V
VRWM
7.0
Electrical Characteristics (at TA=25°C unless otherwise noted)
Reverse stand off voltage (Note 1)
Reverse leakage current
Breakdown voltage
V
Notes: 1. Other voltages available upon request.
VC
V
IPP = 5A
9
CJ
pF
VR = 0V, f = 1MHz
Clamping voltage (Note 2)
Junction capacitance
IT = 100mA
17
7.0
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
-100
-75
-50
-25
0
25
50
75
100
REVERSE VOLT
AGE
V (V)
T
a
=25 ℃
T
a
=100 ℃
Rev erse
Characteristics
Pulsed
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
-100
-75
-50
-25
0
25
50
75
100
REVERSE VOLT
AGE
V (V)
T
a
=25 ℃
T
a
=100 ℃
Rev erse
Characteristics
Pulsed
Reverse Voltage, VR (V)
0
2
4
8
3
2
1
0
4
6
12
Fig.3 - Capacitance Characteristics
Ta=25°C
f=1MHz
5
7
6
10
Reverse Voltage, VR (V)
-12
-100
Fig.2 - Reverse Characteristics
-75
-50
25
100
-10
-2
0
4
2
6
8 10 12
-4
-6
-8
0
75
-25
50
Ta=25°C
Ta=100°C
Pulsed
2. Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC 61000-4-5.
Fig.1 - 8/20µs Peak Pulse Current
Waveform Acc. IEC 61000-4-5
0%
Time, (µs)
0
10
20
30
20%
40%
60%
80%
100%
120%
40
100%IPP: 8µs
50%IPP: 20µs
-t
e



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com