Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCD5704 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704
Description  Rambus XDR CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCD5704 Datasheet HTML 6Page - Texas Instruments CDCD5704 Datasheet HTML 7Page - Texas Instruments CDCD5704 Datasheet HTML 8Page - Texas Instruments CDCD5704 Datasheet HTML 9Page - Texas Instruments CDCD5704 Datasheet HTML 10Page - Texas Instruments CDCD5704 Datasheet HTML 11Page - Texas Instruments CDCD5704 Datasheet HTML 12Page - Texas Instruments CDCD5704 Datasheet HTML 13Page - Texas Instruments CDCD5704 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
CDCD5704
SCAS823 – DECEMBER 2006
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOL/IREF
Ratio of output low current to reference current
6.8
7
7.2
IOL,ABS
Minimum current at VOL,ABS(5)
VOL,ABS = 0.85 V
45
mA
VDD = 2.375 V to 2.625 V,
VOL,SDA
SDA output low voltage
0.4
V
IOH = 4 mA
VDD = 2.375 V to 2.625 V,
IOL,SDA
SDA output low current
6
mA
VO = 0.8 V
IOZ
Output 3-state current
CLK0 to CLK4
±50
µA
IIR
REFCLK input current
VI = 0 V or VDD
±5
µA
IIL
Logic input current
VI = 0 V or VDD
±10
µA
AC DEVICE CHARACTERISTICS
Input capacitance, REFCLK,
CIR
2
7
pF
REFCLKB (6)
CIL
Input capacitance logic pins(7)
2
10
pF
300 MHz to 667 MHz, possible
tCYCLE
Clock cycle time (8)
1.5
3.33
ns
SSC is not taken into account
10,000 cycles, 300 MHz
40
to 635 MHz(9)
tjit(per)
|Cycle-to-cycle jitter| of 1–6 clock cycles
ps
10,000 cycles, 636 MHz
30
to 667 MHz(9)
L1
SSB phase noise at 1 MHz
300-MHz–667-MHz output (10)
–115
–97
dBc/Hz
L20
SSB phase noise at 20 MHz
300-MHz–667-MHz output(10)
–150
–128
dBc/Hz
VDD = 2.375 V to 2.625 V,
∆t
skew(o)
Drift in tskew(o)(11)
15
ps
T = 0 to 70
°C
odc
Output duty cycle
45%
50%
55%
300 MHz to 635 MHz
40
tODC,ERR
|Cycle-to-cycle| duty-cycle error
ps
636 MHz to 667 MHz
30
tERR,SSC
PLL output phase error when tracking SSC
–100
100
ps
tr/tf
Output rise and fall time
VOUT = 20%–80%
100
300
ps
VOUT = 20%–80%, fout = 300 MHz
tcr/tcf
Difference between output rise and fall times
100
ps
to 667 MHz
ZOUT
Output dynamic impedance(12)
VOL = 0.9 V
750
Ω
Time from VDD, VDDP, VDDC
tL
Power-up lock time
being applied and settled until
3
ms
clock outputs are settled
PLL lock time after (1) frequency change via
Time from signals for selecting a
serial interface (programming of SCL and SDA
mode of operation (1) or (2)
tL(ω)
3
ms
pins completed) or (2) EN and/or BYPASS
applied and settled until clock
changed state
outputs are settled
(5)
Minimum IOL,ABS is measured at the clock output pins of the package, as shown in Figure 3.
(6)
Capacitance measured at frequency = 1 MHz, dc bias = 0.9 V, and VAC < 100 mV
(7)
Capacitance measured at frequency = 1 MHz, dc bias = 0.9 V, and VAC < 100 mV
(8)
Maximum and minimum output clock cycle times are based on nominal output frequency of 300 MHz and 667 MHz, respectively. For
spread-spectrum-modulated differential or single-ended REFCLK, the output clock tracks the modulation of the input.
(9)
Output short-term jitter specification is the absolute value of the worst-case deviation and is defined in the Jitter section.
(10) Device must not exceed the upper limit of L(f) for 1-MHz to 100-MHz offset as shown in the Phase Noise section.
(11) tskew is the timing difference between any two of the four differential clocks and is measured at common-mode voltage. ∆tskew is the
change in tskew when the operating temperature and supply voltage change.
(12) ZOUT is defined at the output pins directly. The value is determined as the ac small-signal impedance at low frequencies (< 100 kHz)
and when output is driving a high state.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com