Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCD5704 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704
Description  Rambus XDR CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCD5704 Datasheet HTML 7Page - Texas Instruments CDCD5704 Datasheet HTML 8Page - Texas Instruments CDCD5704 Datasheet HTML 9Page - Texas Instruments CDCD5704 Datasheet HTML 10Page - Texas Instruments CDCD5704 Datasheet HTML 11Page - Texas Instruments CDCD5704 Datasheet HTML 12Page - Texas Instruments CDCD5704 Datasheet HTML 13Page - Texas Instruments CDCD5704 Datasheet HTML 14Page - Texas Instruments CDCD5704 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
PHASE NOISE
−160
−150
−140
−130
−120
−110
−100
−90
−80
fOffset − Offset Frequency − Hz
100k
1M
10M
100M
20M
G001
Rambus Spec
667 MHz
Rambus Spec Range:
1 MHz 3 fOffset 3 20 MHz
300 MHz
400 MHz
CDCD5704
SCAS823 – DECEMBER 2006
For the offset frequency range from 1 MHz to 100 MHz, phase noise of the CDCD5704 does not exceed the
single-sideband phase noise (spectral purity) described by the following equation given by Rambus.
L(f) = 10 log [1 + (50
× 106 / f)2.4] – 138 dBc/Hz
Selected numerical values are in given in the following table.
f = offset frequency
1 (L1)
5
10
15
20 (L20)
40
80
100
MHz
L(f) = SSB phase noise
–97
–114
–121
–125
–128
–134
–137
–138
dBc/Hz
Figure 2. Phase Noise Plot
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com