Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCE421
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE421 Datasheet HTML 1Page - Texas Instruments CDCE421 Datasheet HTML 2Page - Texas Instruments CDCE421 Datasheet HTML 3Page - Texas Instruments CDCE421 Datasheet HTML 4Page - Texas Instruments CDCE421 Datasheet HTML 5Page - Texas Instruments CDCE421 Datasheet HTML 6Page - Texas Instruments CDCE421 Datasheet HTML 7Page - Texas Instruments CDCE421 Datasheet HTML 8Page - Texas Instruments CDCE421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
APPLICATIONS
OutputEnable/ProgrammingInterfaceandEEPROMforConfigurationSettings
Crystal
Oscillator
Input
Feedback
Divider
LoopFilter
VCO1
VCO2
X-tal
CE
SDATA
CLK
NCLK
B0216-01
CDCE421
SCAS842 – APRIL 2007
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
• Differential Low-Voltage Positive
Emitter-Coupled Logic (LVPECL) Output,
• Single 3.3V Supply
10.9-MHz to 1.175-GHz Frequency Range
• High-Performance Clock Generator
• Two Fully Integrated Voltage-Controlled
Incorporating Crystal-Oscillator Circuitry With
Oscillators (VCOs) Support Wide Output
Integrated Frequency Synthesizer
Frequency Range
• Low-Output Jitter, as Low as 380 fs (rms
• Fully Integrated Programmable Loop Filter
Integrated Between 10 kHz–20 MHz)
• Typical Power Consumption 240 mW in LVDS
• Low Phase Noise at High Frequency; at 708
Mode and 300 mW in LVPECL Mode
MHz It Is Less Than –109 dBc/Hz at 10-kHz
and –146 dBc/Hz at 10-MHz Offset From the
• Chip-Enable Control Pin
Carrier
• Simple Serial Interface Allows Programming
• Supports Crystal Frequencies Between
After Manufacturing
27.35 MHz to 38.33 MHz
• Integrated On-Chip Non-Volatile Memory
• Output Frequency Ranges From 10.9 MHz up
(EEPROM) to Store Settings Without the Need
to 766.7 MHz and From 875.2 MHz up to
to Apply High Voltage to the Device
1175 MHz
• Die or QFN24 Package
• Low-Voltage Differential Signaling (LVDS)
• ESD Protection Exceeds 2 kV HBM
Output, 100-
Ω Differential Off-Chip
• Industrial Temperature Range –40°C to 85°C
Termination, 10.9-MHz to 400-MHz Frequency
Range
A
• Low-Cost, High-Frequency Crystal Oscillator
A
A
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421 TI1-CDCE421 Datasheet
884Kb / 24P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421A TI2-CDCE421A Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
CDCE421ARGER TI1-CDCE421ARGER Datasheet
815Kb / 27P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421ARGER TI2-CDCE421ARGER Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
More results

Similar Description - CDCE421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
Low - Jitter Clock Generator with Integrated VCO
logo
Texas Instruments
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com