Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421 Datasheet(PDF) 18 Page - Texas Instruments

Part # CDCE421
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCE421 Datasheet HTML 14Page - Texas Instruments CDCE421 Datasheet HTML 15Page - Texas Instruments CDCE421 Datasheet HTML 16Page - Texas Instruments CDCE421 Datasheet HTML 17Page - Texas Instruments CDCE421 Datasheet HTML 18Page - Texas Instruments CDCE421 Datasheet HTML 19Page - Texas Instruments CDCE421 Datasheet HTML 20Page - Texas Instruments CDCE421 Datasheet HTML 21Page - Texas Instruments CDCE421 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
www.ti.com
APPENDIX A: TEST CONFIGURATIONS
S0248-01
LVDS
LVDS
100 W
S0249-01
VCC – 2V
LVPECL
LVPECL
50 W
50 W
S0250-01
LVDS
50 W
PhaseNoise
Analyzer
S0251-01
LVPECL
50 W
PhaseNoise
Analyzer
150 W
150 W
CDCE421
SCAS842 – APRIL 2007
Test setups are used to characterize the CDCE421 device in ac and dc terminations. The following figures
illustrate all four setups used to terminate the clock signal driven by the device under test.
Figure 10. LVDS DC Termination Test Configuration
Figure 11. LVPECL DC Termination Test Configuration
Figure 12. LVDS AC Termination Test Configuration
Figure 13. LVPECL AC Termination Test Configuration
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com