Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCL1810 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  1.8V, 10 Output, High-Performance Clock Distributor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCL1810 Datasheet HTML 9Page - Texas Instruments CDCL1810 Datasheet HTML 10Page - Texas Instruments CDCL1810 Datasheet HTML 11Page - Texas Instruments CDCL1810 Datasheet HTML 12Page - Texas Instruments CDCL1810 Datasheet HTML 13Page - Texas Instruments CDCL1810 Datasheet HTML 14Page - Texas Instruments CDCL1810 Datasheet HTML 15Page - Texas Instruments CDCL1810 Datasheet HTML 16Page - Texas Instruments CDCL1810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
Byte 3:
Byte 4:
Byte 5:
Byte 6:
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
Bit
Power Up
Bit
Name
Description/Function
Type
Condition
Reference To
7
RES
Reserved
R/W
0
6
RES
Reserved
R/W
0
5
RES
Reserved
R/W
0
4
PH0[4]
Phase select for YP[4:0] and YN[4:0]
R/W
0
Table 2, Table 3
3
PH0[3]
Phase select for YP[4:0] and YN[4:0]
R/W
0
Table 2, Table 3
2
PH0[2]
Phase select for YP[4:0] and YN[4:0]
R/W
0
Table 2, Table 3
1
PH0[1]
Phase select for YP[4:0] and YN[4:0]
R/W
0
Table 2, Table 3
0
PH0[0]
Phase select for YP[4:0] and YN[4:0]
R/W
0
Table 2, Table 3
Power Up
Bit
Bit Name
Description/Function
Type
Condition
Reference To
7
RES
Reserved
R/W
0
6
RES
Reserved
R/W
0
5
ENP0
Post-divider P0 enable. If 0, output YP[4:0] and YN[4:0] are disabled
R/W
1
4
RES
Reserved
R/W
1
3
SELP0[3]
Divide ratio select for post-divider P0
R/W
0
Table 1
2
SELP0[2]
Divide ratio select for post-divider P0
R/W
0
Table 1
1
SELP0[1]
Divide ratio select for post-divider P0
R/W
0
Table 1
0
SELP0[0]
Divide ratio select for post-divider P0
R/W
0
Table 1
Power Up
Bit
Bit Name
Description/Function
Type
Condition
Reference To
7
EN
Chip enable; if 0 chip is in Iddq mode
R/W
1
6
RES
Reserved
R
1
5
ENDRV9
YP[9], YN[9] enable; if 0 output is disabled
R/W
1
4
ENDRV8
YP[8], YN[8] enable; if 0 output is disabled
R/W
1
3
ENDRV7
YP[7], YN[7] enable; if 0 output is disabled
R/W
1
2
ENDRV6
YP[6], YN[6] enable; if 0 output is disabled
R/W
1
1
ENDRV5
YP[5], YN[5] enable; if 0 output is disabled
R/W
1
0
ENDRV4
YP[4], YN[4] enable; if 0 output is disabled
R/W
1
Power Up
Bit
Bit Name
Description/Function
Type
Condition
Reference To
7
ENDRV3
YP[3], YN[3] enable; if 0 output is disabled
R/W
1
6
ENDRV2
YP[2], YN[2] enable; if 0 output is disabled
R/W
1
5
ENDRV1
YP[1], YN[1] enable; if 0 output is disabled
R/W
1
4
ENDRV0
YP[0], YN[0] enable; if 0 output is disabled
R/W
1
3
RES
Reserved
R/W
0
2
RES
Reserved
R/W
0
1
RES
Reserved
R/W
0
0
RES
Reserved
R/W
0
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com