Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCL1810 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  1.8V, 10 Output, High-Performance Clock Distributor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810 Datasheet(HTML) 2 Page - Texas Instruments

  CDCL1810 Datasheet HTML 1Page - Texas Instruments CDCL1810 Datasheet HTML 2Page - Texas Instruments CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
DESCRIPTION
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
The
CDCL1810
is
a
high-performance
clock
The phase of one output group relative to the other
distributor. The programmable dividers, P0 and P1,
can be adjusted through the SDA/SCL interface. For
give a high flexibility to the ratio of the output
post-divide ratios (P0, P1) that are multiples of 5, the
frequency to the input frequency:
total number of phase adjustment steps (n) equals
the divide-ratio divided by 5. For post-divide ratios
FOUT = FIN/P
(P0, P1) that are not multiples of 5, the total number
Where:
of steps (n) is the same as the post-divide ratio. The
P (P0,P1) = 1, 2, 4, 5, 8, 10, 16, 20, 32, 40, 80
phase adjustment step (
∆Φ) in time units is given as:
∆Φ = 1/(n × F
OUT)
The CDCL1810 supports one differential LVDS clock
input and a total of 10 differential CML outputs. The
where FOUT is the respective output frequency.
CML outputs are compatible with LVDS receivers if
The device operates in a 1.8V supply environment
they are ac-coupled.
and is characterized for operation from –40
°C to
With careful observation of the input voltage swing
+85
°C. The CDCL1810 is available in a 48-pin QFN
and common-mode voltage limits, the CDCL1810
(RGZ) package.
can support a single-ended clock input as outlined in
the Pin Description Table.
All device settings are programmable through the
SDA/SCL, serial two-wire interface.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com