Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421RGET Datasheet(PDF) 11 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421RGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE421RGET Datasheet HTML 7Page - Texas Instruments CDCE421RGET Datasheet HTML 8Page - Texas Instruments CDCE421RGET Datasheet HTML 9Page - Texas Instruments CDCE421RGET Datasheet HTML 10Page - Texas Instruments CDCE421RGET Datasheet HTML 11Page - Texas Instruments CDCE421RGET Datasheet HTML 12Page - Texas Instruments CDCE421RGET Datasheet HTML 13Page - Texas Instruments CDCE421RGET Datasheet HTML 14Page - Texas Instruments CDCE421RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
PACKAGE (DIE)
10
11
12
13
14
15
16
17
2
6
PAD1
TI TEST ONLY
GND
SIGNALS
9
8
7
5
3
4
M0070-01
v
cc
PAD DESCRIPTION
CDCE421
SCAS842 – APRIL 2007
The CDCE421 is available in die form or in a QFN 24-pin package. The die version pad locations and numbers
are shown in Figure 5.
Figure 5. Pinout of the CDCE421 Die
Table 2 shows the pin description for the CDCE421 die.
Table 2. Pad Description of CDCE421 (See Appendix B for More Information)
TERMINAL
ESD
PAD NO.
TYPE
Description
NAME
Protection
CE
1
O
Y
Chip enable
CE = 1: enable the device and the outputs.
CE = 0: disable all current sources; in LVDS mode, LVDSP = LVDSN = Hi-Z; in
LVPECL mode, LVPECLP = LVPECLN = Hi-Z.
OUTN
3
O
Y
High-speed negative differential LVPECL or LVDS outputs. (Outputs are enabled
by CE and selected by the EEPROM configuration registers.)
OUTP
6
O
Y
High-speed positive differential LVPECL or LVDS outputs. (Outputs are enabled by
CE and selected by the EEPROM configuration registers.)
SDATA
2
I
Y
Programming pin using TI proprietary interface protocol
Test pins
7, 8, 11–13,
Do not connect (TI Manufacturing test pins).
16, 17
VCC
9, 10
Power
Y
3.3-V power supply
VSS
4, 5
GND
Y
Ground
XIN 1
14
I
Y
Connect XIN1 to one end of the crystal and XIN2 to the other end of the crystal.
XIN 2
15
I
N
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com