Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421RGET Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421RGET Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE421RGET Datasheet HTML 8Page - Texas Instruments CDCE421RGET Datasheet HTML 9Page - Texas Instruments CDCE421RGET Datasheet HTML 10Page - Texas Instruments CDCE421RGET Datasheet HTML 11Page - Texas Instruments CDCE421RGET Datasheet HTML 12Page - Texas Instruments CDCE421RGET Datasheet HTML 13Page - Texas Instruments CDCE421RGET Datasheet HTML 14Page - Texas Instruments CDCE421RGET Datasheet HTML 15Page - Texas Instruments CDCE421RGET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
PACKAGE (QFN24)
NC
VCC
15
14
13
RGEPACKAGE
(TOP VIEW)
CDCE421
NC
1
2
3
SDATA
4
NC
5
NC
18
NC
17
VCC
16
NC
NC
CE
NC
P0024-05
6
PIN DESCRIPTION
CDCE421
SCAS842 – APRIL 2007
The CDCE421 is also packaged in a QFN 24-pin package. The QFN package footprint is shown. Pad locations
and numbers are shown in Figure 6.
Figure 6. Pinout of the CDCE421 QFN-24 Package
Table 3 shows the pin description for the CDCE421 QFN-24 Package.
Table 3. Pinout Description of CDCE421
TERMINAL
TERMINAL
ESD
TYPE
Description
NAME
NO.
Protection
CE
1
I
Y
Chip enable
CE = 1: enable the device and the outputs.
CE = 0: disable all current sources; in LVDS mode, LVDSP = LVDSN = Hi-Z;
in LVPECL mode, LVPECLP = LVPECLN = Hi-Z.
GND
8, 9
GND
Y
Ground
No connect
2, 4–6,
Do not connect these pins. Leave them floating.
11–15,
18–20, 23,24
OUTN
7
O
Y
High-speed negative differential LVPECL or LVDS outputs. (Outputs are
enabled by CE and selected by the EEPROM configuration registers.)
OUTP
10
O
Y
High-speed positive differential LVPECL or LVDS outputs. (Outputs are
enabled by CE and selected by the EEPROM configuration registers.)
SDATA
3
I
Y
Programming pin using TI proprietary interface protocol
VCC
16, 17
Power
Y
3.3-V power supply
XIN 1
21
I
Y
In crystal input mode, connect XIN1 to one end of the crystal and XIN2 to the
other end of the crystal. In LVCMOS input single-ended driven mode, XIN1
XIN 2
22
GND
N
(pin 21) acts as input reference and XIN2 should connect to GND.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com