Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSAV331MTC
Description  Dual Channel 4:1 Video Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSAV331MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 6Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: This specification is guaranteed by design.
Capacitance
Symbol
Parameter
VCC
TA = 40 qC to +85 qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Number
tON
Turn ON Time S-to-Bus B
4.75 to 5.25
1.0
5.3
ns
VI = 7V for tPZL and VI = OPEN for tPZH
Figures
1, 2
Output Enable Time OE-to-A or B
4.75 to 5.25
1.0
5.3
tOFF
Turn OFF Time S-to-Bus B
4.75 to 5.25
1.0
5.8
ns
VI = 7V for tPLZ and VI = OPEN for tPHZ
Figures
1, 2
Output Disable Time OE-to-A or B
4.75 to 5.25
1.0
5.5
tPLH,
Propagation Delay (Note 5)
4.75 to 5.25
0.1
ns
VI OPEN
Figures
1, 2
tPHL
Select-to-Bus A Delay
4.75 to 5.25
5.0
DG
Differential Gain
4.75 to 5.25
0.26
%
RL = 150:, f = 3.58MHz
DP
Differential Phase
4.75 to 5.25
0.23
Degree
RL = 150:, f = 3.58MHz
OIRR
Non Adjacent OFF-Isolation
4.75 to 5.25
56.0
dB
f = 10MHz, RL = 150:
Figure 3
XTALK
Non Adjacent Channel Crosstalk
4.75 to 5.25
73.0
dB
RL = 150:, f = 10MHz
Figure 4
BW
3dB Bandwidth
4.75 to 5.25
300
MHz
RL = 150:
Figure 5
Symbol
Parameter
TA = 40 qC to +85 qC
Units
Conditions
Typ
CIN
Control Pin Input Capacitance
3.0
pF
VCC = 5.0V
CON
A/B On Capacitance
39.0
pF
VCC = 5.0, OE = 0V
COFF
Port B OFF Capacitance
5.0
pF
VCC and OE = 5.0V
Port A OFF Capacitance
13.0
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com