Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV331MTC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSAV331MTC
Description  Dual Channel 4:1 Video Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV331MTC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSAV331MTC Datasheet HTML 1Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 2Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 3Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 4Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 5Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 6Page - Fairchild Semiconductor FSAV331MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating Conditions
(Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of
the device cannot be guaranteed. The device should not be operated at these limits.
The parametric values defined in the Electrical Characteristics tables are not guaran-
teed at the absolute maximum rating. The Recommended Operating Conditions
tables will define the conditions for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if the input
and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics All typical value are for V
CC = 5V @ 25qC unless otherwise specified.
Note 4: Measured by the voltage drop between A and B Pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two
(A or B Ports).
Supply Voltage (VCC)
0.5V to +7.0V
DC Switch Voltage (Note 2)
0.5V to VCC + 0.5V
DC Input Voltage (VIN) (Note 2)
0.5V to +7.0V
DC Input Diode Current
50 mA
DC Output Current
128 mA
Storage Temperature Range (TSTG)
65qC to +150 qC
ESD (Human Body Model)
2000V
Supply Voltage (VCC)
4.75V to 5.25V
Control Input Voltage
0V to VCC
Switch Input Voltage
0V to VCC
Operating Temperature
40qC to +85qC
Thermal Resistance
(TSSOP)
100
qC/W
(QSOP)
127
qC/W
Symbol
Parameter
VCC
TA = 40 qC to +85 qC
Units
Conditions
(V)
Min
Typ
Max
VANALOG
Analog Signal Range
4.75 - 5.25
0
2.0
V
VIK
Clamp Diode Voltage
4.75
1.2
V
IIN = 18 mA
VIH
Input Voltage HIGH
4.75 - 5.25
2.0
V
VIL
Input Voltage LOW
4.75 - 5.25
0.8
V
IIN
Control Input Leakage
5.25
r1.0
PAVIN = 0V to VCC
IOZ
OFF-STATE Leakage Current
5.25
r1.0
PA0 d A, B d VCC
RON
Switch On Resistance
4.75
3.3
7.0
:
VIN = 1V, RL = 75:, ION = 13 mA
(Note 4)
4.75
5.0
10.0
:
VIN = 2V, RL = 75:, ION = 26 mA
ICC
Quiescent Supply Current
5.25
3.0
PAVIN = 0V or VCC, IOUT = 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com