Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3060PWR Datasheet(PDF) 33 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3060PWR
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR Datasheet(HTML) 33 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 29Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 30Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 31Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 32Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 33Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 34Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 35Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 36Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 37Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
www.ti.com
PCM3060
SLAS533 – MARCH 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 67
0
1
0
0
0
0
1
1
CSEL2
M/S 22
M/S 21
M/S 20
RSV
RSV
FMT21
FMT20
CSEL2: Clock Select for DAC Operation
Default value: 0 (SCKI2, BCK2, LRCK2 enabled for DAC operation)
CSEL2 = 0
SCKI2, BCK2, LRCK2 enabled for DAC operation (default)
CSEL2 = 1
SCKI1, BCK1, LRCK1 enabled for DAC operation
The CSEL2 bit controls system clock and audio interface clocks for the DAC operation.
SCKI2, BCK2, LRCK2 are used for the DAC portion if CSEL2 = 0 (default), and SCKI1, BCK1, LRCK1 are used
for DAC operation if CSEL2 = 1.
M/S 2[2:0]: Audio Interface Mode for DAC
Default value: 000 (slave mode)
M/S 2[2:0]
Audio Interface Mode for DAC
0 0 0
Slave mode (default)
0 0 1
Master mode, 768 fS
0 1 0
Master mode, 512 fS
0 1 1
Master mode, 384 fS
1 0 0
Master mode, 256 fS
1 0 1
Master mode, 192 fS
1 1 0
Master mode, 128 fS
1 1 1
Reserved
The M/S 2[2:0] bits control the audio interface mode for the DAC.
FMT2[1:0]: Audio Interface Format for DAC
Default value: 00 (I2S Mode)
FMT2[1:0]
Audio Interface Format for DAC
0 0
24-bit I2S format (default)
0 1
24-bit left-justified format
1 0
24-bit right-justified format
1 1
16-bit right-justified format
The FMT2[1:0] bits control the audio interface format for the DAC.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com