Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3060PWR Datasheet(PDF) 38 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3060PWR
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3060PWR Datasheet(HTML) 38 Page - Burr-Brown (TI)

Back Button PCM3060PWR Datasheet HTML 34Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 35Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 36Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 37Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 38Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 39Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 40Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 41Page - Burr-Brown (TI) PCM3060PWR Datasheet HTML 42Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
www.ti.com
PCM3060
SLAS533 – MARCH 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 73
0
1
0
0
1
0
0
1
RSV
RSV
RSV
ZCDD
BYP
DREV
MUT12
MUT11
1
ZCDD: Zero-Cross Detection Disable for Digital Attenuation (ADC)
Default value: 0
ZCDD = 0
Zero-cross detection enabled (default)
ZCDD = 1
Zero-cross detection disabled
The ZCDD bit controls the zero-cross detect function for digital attenuation and mute. When zero-cross detection
is enabled, the actual level change for digital attenuation and mute is done at the timing of zero-cross detection
on the input signal which is sampled for every 1/fS time interval. If zero-crossing is not detected for 512/fS, the
actual level change is done for every 1/fS time interval until a zero-crossing is detected again as timeout control
for no zero-crossing input signal. When zero-cross detection is disabled, the actual level change is done at the
timing of 8/fS time interval.
BYP: HPF Bypass Control (ADC)
Default value: 0
BYP = 0
Normal output, HPF enabled (default)
BYP = 1
Bypassed output, HPF disabled
The BYP bit controls the HPF function; the dc component of the input signal and the internal dc offset are
converted in bypass mode.
DREV1: Input Phase Select (ADC)
Default value: 0
DREV1 = 0
Normal input (default)
DREV1 = 1
Inverted input
The DREV1 bit is used to control the phase of analog signal inputs (VINL and VINR).
MUT1x: Soft Mute Control (ADC)
where x = 1 or 2, corresponding to the ADC output L-ch part of DOUT (x = 1) and R-ch part of DOUT (x = 2).
Default value: 0
MUT1x = 0
Mute disabled (default)
MUT1x = 1
Mute enabled
The mute bits, MUT11 and MUT12, are used to enable or disable the soft mute function for the corresponding
ADC outputs, DOUT. The soft mute function is incorporated into the digital attenuators. When mute is disabled
(MUT1x = 0), the attenuator and ADC operate normally. When mute is enabled by setting MUT1x = 1, the digital
attenuator for the corresponding output is decreased from the current setting to infinite attenuation in 0.5 dB step
at the timing of zero-cross detection on the input signal which is sampled for every 1/fS time interval, or for every
8/fS time interval if zero-cross detection mode is disabled by ZCDD setting. If a zero-crossing is not detected for
512/fS, actual level change is done for every 1/fS time interval until zero-crossing is detected again. By setting
MUT1x = 0, the attenuator is increased to the previously programmed attenuation level in 0.5 dB step in the
same manner as for decreasing. This provides pop-free muting for the ADC input.
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com