Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-25401 Datasheet(PDF) 1 Page - CUI Devices

Part # SP-25401
Description  2.5 MM STEREO PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SP-25401 Datasheet(HTML) 1 Page - CUI Devices

  SP-25401 Datasheet HTML 1Page - CUI Devices SP-25401 Datasheet HTML 2Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 10/11/2019
page 1 of 2
MODEL: SP-25401
│ DESCRIPTION: 2.5 MM STEREO PLUG
cuidevices.com
0.70 0.028
0.10 (3 PLCS)
2.80 0.110
5.00 0.197
7.20 0.283
RING (2)
RING (1)
M6x0.5
0.091
2.30
0.70 0.028
3.00 0.12
1.0
1.83
0.10
1.00 0.04
46.5
0.05
2.50
11.00 0.433
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
operating temperature
-25
70
°C
RoHS
yes
FEATURES
• 4 conductor
• modular strain relief
RoHS
Note:
1. All specifications measured at 10~35°C with a relative humidity of 45~85% under standard atmospheric pressure unless otherwise specified.
MECHANICAL DRAWING
MATERIAL
PLATING
tip
brass
nickel
insulator
POM
black color
sleeve
brass
nickel
tip terminal
brass
nickel
ring (1) terminal
brass
nickel
ring (2) terminal
brass
nickel
earth terminal
brass
nickel
terminal insulator
POM
black color
body
PVC or TPR
black color
units: mm[inches]
tolerance: ±0.3mm
unless otherwise specified
Additional Resources: Product Page | 3D Model


Similar Part No. - SP-25401

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-25401 CUI-SP-25401 Datasheet
137Kb / 2P
2.5 mm STEREO PLUG
More results

Similar Description - SP-25401

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00333 TENSILITY-10-00333 Datasheet
322Kb / 2P
Cable, 1830 mm, 2.5 mm 50-00084 slim stereo plug to stripped tinned, 28 AWG, shielded, white
10-00342 TENSILITY-10-00342 Datasheet
122Kb / 2P
Cable, 1830 mm, 2.5 mm 50-00034 slim stereo plug to stripped tinned, 28 AWG, shielded
CA-254CS-MM TENSILITY-CA-254CS-MM Datasheet
55Kb / 2P
Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2204 TENSILITY-CA-2204 Datasheet
101Kb / 2P
Cable, 1830 mm, 2.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
logo
Assmann Electronics Inc...
AK243-025-R ASSMANN-AK243-025-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2.5 Meters
logo
Tensility International...
50-00084 TENSILITY-50-00084 Datasheet
340Kb / 2P
Connector, stereo plug, 2.5 mm, brass, nickel plated, white insulators
50-00118 TENSILITY-50-00118 Datasheet
330Kb / 2P
Connector, stereo plug, 3.5xL24.5 mm, brass nickel plated
logo
CUI INC
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
3.5 mm STEREO PLUG
SP-25401 CUI-SP-25401 Datasheet
137Kb / 2P
2.5 mm STEREO PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com