Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet(PDF) 1 Page - CUI Devices

Part # SR2
Description  SIGNALRELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SR2 Datasheet(HTML) 1 Page - CUI Devices

  SR2 Datasheet HTML 1Page - CUI Devices SR2 Datasheet HTML 2Page - CUI Devices SR2 Datasheet HTML 3Page - CUI Devices SR2 Datasheet HTML 4Page - CUI Devices SR2 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 10/27/2022
page 1 of 5
SERIES: SR2 | DESCRIPTION: SIGNALRELAY
cuidevices.com
FEATURES
• 3~24 Vdc coil voltage
• 330 mW coil power
• contact form 1C
PART NUMBER KEY
Base Number
SR2 - XX - 330 - 1C
Coil Voltage (Vdc):
3V = 3
5V = 5
9V = 9
12V = 12
24V = 24
MODEL
coil
voltage
coil
resistance
operating voltage
release
voltage
coil
power
typ
(Vdc)
(Ω
±10%)
min
(Vdc)
max
(Vdc)
typ
(mW)
SR2-3V-330-1C
3
28
2.1
0.3
330
SR2-5V-330-1C
5
75
3.5
0.5
330
SR2-9V-330-1C
9
245
6.3
0.9
330
SR2-12V-330-1C
12
440
8.4
1.2
330
SR2-24V-330-1C
24
1,515
16.8
2.4
380
Notes:
1. All specifications are measured at 23°C unless otherwise specified.
Additional Resources: Product Page


Similar Part No. - SR2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR2 TEC-SR2 Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
logo
STMicroelectronics
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
6 pin Smart Reset?
13-May-2014
logo
CUI INC
SR2 CUI-SR2 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
Metal enclosures for automation and distribution
logo
Same Sky Devices
SR2 SAMESKY-SR2 Datasheet
361Kb / 5P
SIGNAL RELAY
09/12/2024
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com