Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15M65DF2 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # STGF15M65DF2
Description  Trench gate Field-Stop IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STGF15M65DF2 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  STGF15M65DF2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISG2050
eq STGF15M65DF2
Trench gate Field-Stop IGBT
www.iscsemi.com
4
REVERSE DIODE (FRED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF=15A,TJ=25℃
--
1.7
2.6
V
IF=15A,TJ=125℃
--
1.5
--
V
IF=15A,TJ=175℃
--
1.4
--
V
trr
Reverse Recovery Time
IF=15A,
-di/dt=1000A/us,
VR=400V,
VGE = 15V
--
153
--
ns
Qrr
Reverse recovery charge
--
584
--
nC
Irrm
Reverse recovery current
--
14.5
--
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during
--
818
--
A/us
Err
Reverse recovery energy
--
84
--
uJ
trr
Reverse Recovery Time
IF=15A,
-di/dt=1000A/us,
VR=400V,
VGE = 15V,
TJ=175℃
--
262
--
ns
Qrr
Reverse recovery charge
--
1652
--
nC
Irrm
Reverse recovery current
--
21
--
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during
--
430
--
A/us
Err
Reverse recovery energy
--
189
--
uJ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com