Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15M65DF2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STGF15M65DF2
Description  Trench gate Field-Stop IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STGF15M65DF2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STGF15M65DF2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 5Page - Inchange Semiconductor Company Limited STGF15M65DF2 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISG2050
eq STGF15M65DF2
Trench gate Field-Stop IGBT
www.iscsemi.com
1
DESCRIPTION
· Low Saturation Voltage:VCE(sat)=2.0V@IC= 15A
· High Current Capability
· High Input Impedance
· Low thermal resistance
APPLICATIONS
· Synchronous Rectification in SMPS
· Motor Drives
· UPS,PFC
· General purpose inverter
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
650
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
30
A
IC
Collector Current-Continuous
@ TC=100℃
15
A
ICM
Pulsed Collector Current@ TC=25℃
60
A
IF
Diode Forward Current @ TC=25℃
30
A
IF
Diode Forward Current @ TC=100℃
15
A
IFM
Pulsed forward current
60
A
PD
Power Dissipation @TC=25℃
31
W
Tj
Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - STGF15M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
More results

Similar Description - STGF15M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series
08-Oct-2013
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
APT75GT120JU3 ISC-APT75GT120JU3 Datasheet
570Kb / 4P
Trench gate Field-Stop IGBT
2023-9-12
CM300DY-24A-ISGM2001 ISC-CM300DY-24A-ISGM2001 Datasheet
502Kb / 5P
Trench gate Field-Stop IGBT
2023-9-5
FF300R12M ISC-FF300R12M Datasheet
438Kb / 5P
Trench gate Field-Stop IGBT
2023-8-14
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
IXGA30N120 ISC-IXGA30N120 Datasheet
348Kb / 3P
Trench gate Field-Stop IGBT
2023-8-14
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
STGW40H120DF2 ISC-STGW40H120DF2 Datasheet
358Kb / 3P
Trench gate Field-Stop IGBT
2023-10-16
STGP30M65DF2 ISC-STGP30M65DF2 Datasheet
372Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com