Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-CONV Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # POE-CONV
Description  Gigabit PoE Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-CONV Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  POE-CONV Datasheet HTML 1Page - Tycon Systems, Inc. POE-CONV Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gigabit PoE Converter
Features (Depending on Model)
• Very Compact Size
• Converts two 802.3af 16W ports to one 802.3at 30W port
• Convert two 802.3at 35W ports to one 4 Pair PoE 60W port
• Allows use of standard PoE switches to power higher power devices
Description
The POE-CONV-2AF-AT are unique Gigabit PoE converters which allow a customer to use existing PoE switches to
provide PoE+ functionality. They work by turning two 802.3af ports into one 802.3at port.
The POE-CONV-2AT-60 provide Gigabit PoE conversion, accepting two 802.3at inputs and providing a single 4 Pair
60W Passive PoE output which is compatible with High PoE devices like Ubiquiti airFiber™
There are two RJ45 socket for input and one RJ45 socket for the output. One input accepts Data and Power, the
second input accepts only Power. The design is isolated so input and output are isolated. The devices include
protections for short circuit and overload.
Note: If the inputs come from the same PoE switch then the output power is full power. If the inputs come from
different PoE sources, then the output power may be ½.
Specifications
POE-CONV-2AF-AT
POE-CONV-2AT-60
Input
Qty 2 802.3af Mode A or 48V Passive PoE
Qty 2 802.3at Mode A or 48V Passive PoE
Output
802.3at Mode A 48V 30W, 2 Pair PoE
60W Passive PoE, 4 Pair High PoE
Input Connector
Shielded RJ45 Socket x 2
Shielded RJ45 Socket x 2
Output Connector
Shielded RJ45 Socket
Shielded RJ45 Socket
Load Regulation
5%
Line Reg, Ripple, Noise
1%
Ethernet Speed
10/100/1000MB, GigE, Gigabit
LED
Blinking Red: Only 1 input powering;
Solid Red: Two Inputs Powering
Solid Green: Output is active with device plugged in
Efficiency
90% Min
EMC Standards
FCC Class B NE55022 Class B
Isolation Voltage
1500VDC
Isolation Resistance
100M Ohms Minimum
Operating Temperature
-30 to +60°C (-22 to +140°F)
Operating Humidity
5% - 90% non-condensing
Storage Temperature
-40 to +85°C (-40 to +176°F)
Dimensions (LxWxH)
65 x 45 x 26mm (2.6 x 1.8
x 1”)
85 x 75 x 36mm (3.3 x 3 x 1.4
”)
Weight
62g (2.2oz)
80g (2.8oz)
Warranty
3 Year
DATA SHEET
POE-CONV-xx
POE-CONV-2AF-AT
AF to AT PoE Converter


Similar Part No. - POE-CONV

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-CONV-4824G TYCONSYSTEMS-POE-CONV-4824G Datasheet
202Kb / 1P
802.3af/at/bt to 24V Passive PoE Converter
More results

Similar Description - POE-CONV

ManufacturerPart #DatasheetDescription
logo
Level One
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
Gigabit PoE-Plus Repeater
logo
Pulse A Technitrol Comp...
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
PULSEJACK Single-Port Gigabit PoE
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POR-0120 LVL1-POR-0120 Datasheet
714Kb / 2P
Gigabit PoE Repeater
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Pulse A Technitrol Comp...
J428 PULSE-J428 Datasheet
258Kb / 5P
Single-Port Gigabit PoE
J429 PULSE-J429 Datasheet
1Mb / 6P
2xN Gigabit PoE
J427 PULSE-J427 Datasheet
1Mb / 5P
2xN Gigabit PoE Plus
logo
ORing Industrial Networ...
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
Industrial Gigabit PoE Ethernet to fiber media converter
logo
Advantech Co., Ltd.
EKI-2741FHPI ADVANTECH-EKI-2741FHPI Datasheet
290Kb / 2P
Industrial Grade IP31 Gigabit High Power 60W PoE Media Converter
22-Dec-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com