Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE-CONV Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # POE-CONV
Description  Gigabit PoE Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-CONV Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  POE-CONV Datasheet HTML 1Page - Tycon Systems, Inc. POE-CONV Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POE-CONV-xx
POE-CONV-xx PoE Converter Spec Rev 3
11 May 2020
Specifications Subject to Change Without Notice
Page 2
Device Pinouts
– 10/100/1000MB
POE-CONV-2AF-AT Connector Pinouts:
POE-CONV-2AT-60 Connector Pinouts:
System Ordering:
POE-CONV-2AF-AT Gigabit PoE Converter two 802.3af PoE Input to 48VDC 30W 802.3at output
POE-CONV-2AT-60 Gigabit PoE Converter two 802.3at PoE Input to 48VDC 60W output
For further information contact:
•
Tycon Power Systems Power Sources carry a 1 year warranty
Tyconsystems.com
14641 S 800 W Suite A Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220
POE-CONV-2AT-60
PoE+ to 4 Pair 60W Converter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com