Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDIN Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # PSDIN
Description  DIN Rail Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

PSDIN Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  PSDIN Datasheet HTML 1Page - Tycon Systems, Inc. PSDIN Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIN Rail Industrial Power Supplies
Features
• High Power and rugged design
• Short Circuit, Over-Voltage, Over-current Protection
• 90-264VAC Auto Ranging Input
• 47~56VDC Adjustable Output
• -40C to +70C Operating Temperature
• Supports Parallel Operation
• Dry Contact DC Alarm
Applications
• Powering PoE Switches
• IP Phone and Security Camera Systems
• Telecommunications
Description
The PSDIN Series of Industrial DIN Rail mount high efficiency switching power supplies operate over a wide temperature range of
-40C to +70C. There are two models to supply 120W or 240W. The input is 90 to 264VAC auto-ranging with wire terminal
connections. The output is 48VDC nominal with an adjustment range from 47VDC to 56VDC. There is a switch for single or
parallel operation. Two 240W supplies operating in parallel will provide 480W total power. There is an alarm output to provide a
dry contact closure to trigger an alarm if the DC output fails, like during a grid power failure. The relay is closed when DC output
is normal and open when DC output is in fault condition due to overload or safety shutdown.
DATA SHEET
PSDIN Series
48VDC 120W AC to
DC Industrial Power
Supply
40mm for 120W
45mm for 240W


Similar Part No. - PSDIN

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSDI33 POWERSEM-PSDI33 Datasheet
177Kb / 2P
Three Phase Rectifier Bridge
PSDI33/06 POWERSEM-PSDI33/06 Datasheet
177Kb / 2P
Three Phase Rectifier Bridge
PSDI50 POWERSEM-PSDI50 Datasheet
464Kb / 2P
Three Phase Rectifier Bridge
PSDI50/12 POWERSEM-PSDI50/12 Datasheet
464Kb / 2P
Three Phase Rectifier Bridge
More results

Similar Description - PSDIN

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
DR-45 MPD-DR-45 Datasheet
122Kb / 2P
Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
DR-120 MPD-DR-120 Datasheet
118Kb / 2P
Low Cost, Industrial 120W, DIN Rail Mount AC/DC Power Supplies
DRP-240 MPD-DRP-240 Datasheet
122Kb / 2P
Low Cost, Industrial 240W, DIN Rail Mount AC/DC Power Supplies
logo
MORNSUN Science& Techno...
LI05-20B24 MORNSUN-LI05-20B24 Datasheet
457Kb / 2P
DIN-RAIL POWER SUPPLIES
LI72-20B24 MORNSUN-LI72-20B24 Datasheet
644Kb / 3P
DIN-RAIL POWER SUPPLIES
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
AC/DC DIN Rail Power Supplies
logo
Applied Motion Products...
PS150D24 AMP-PS150D24 Datasheet
844Kb / 4P
DIN Rail Power Supply ??Industrial ??150W
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
DIN Rail Power Supply ??Industrial ??240W
PS480D48 AMP-PS480D48 Datasheet
851Kb / 4P
DIN Rail Power Supply ??Industrial ??480W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com