Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDIN Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # PSDIN
Description  DIN Rail Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

PSDIN Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  PSDIN Datasheet HTML 1Page - Tycon Systems, Inc. PSDIN Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSDIN
PSDIN Spec Rev 1 20-Nov-18
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
PSDIN-48-120W 90-264VAC In, 47-56VDC (adjustable) 2.5A 120W Out Industrial DIN Rail Power Supply
PSDIN-48-240W 90-264VAC In, 47-56VDC (adjustable) 5A 240W Out Industrial DIN Rail Power Supply
For further information contact:
PSDIN-48-120W
PSDIN-48-240W
Input Operating Range
90-264VAC ; 47-63Hz
Input In-rush Current
35A Max
Input Current
2.2A @ 115VAC ; 1.10A @ 230VAC
4.4A @ 115VAC ; 2.20A @ 230VAC
Output Voltage
47~ 56VDC (adjustable)
Cont. Load Current
2.5A
5A
Maximum Output Power
120W
240W
Peak Power (10sec @ 220VAC)
180W
360W
Line Regulation
+/- 0.5%
Load Regulation
+/- 1%
Voltage Overshoot
<5%
Ripple / Noise
100mV Peak
Efficiency
90% Minimum
Dielectric Strength
1500V rms , 1 min, 10mA Max
Insulation Resistance
10M Ohms
Protection
Short Circuit, Over-Voltage, Over-Current, Over Power
Alarm Output (“DC” and “OK”)
1A @ 30VDC, 0.5A @ 125VAC. DC OK = Closed, DC Fault = Open
Safety Standards
GB4943 / EN60950-1
EMI Standards
FCC PART 15 CLASS B, EN55022, EN55024
Harmonic Current
EN61000-3-2 Class D
EMS
EN61000-4-x Level 3&4
Operating Temp
-40°C to 70°C (-40°F to 158°F)
Operating Humidity
5% to 95% non- condensing
Storage Temp
-40°C to 85°C (-40°F to 185°F)
MTBF
200,000 hrs
Altitude
2000m (6562ft)
Vibration
10-500Hz 2G 10min Sweep, 20G Surge 11ms
Case Size
135 x 121 x 40mm (5.3 x 4.8 x 1.6
”)
135 x 121 x 45mm (5.3 x 4.8 x 1.8
”)
Weight
0.59 Kg (1.3 Lb)
0.77 Kg (1.7 Lb)
Warranty
3 Years
Tyconsystems.com
14641 S 800 W Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220
48VDC 240W AC to
DC Industrial Power
Supply
Temperature Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com