Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-DCDC Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-DCDC
Description  DC to DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-DCDC Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-DCDC Datasheet HTML 1Page - Tycon Systems, Inc. TP-DCDC Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP-DCDC
TP-DCDC Spec Rev 11
6-Aug-20
Specifications Subject to Change Without Notice
Page 2
System Ordering:
TP-DCDC-1218
9-36VDC IN 18VDC OUT, 18W DC to DC Converter with PoE Inserter
TP-DCDC-1224
9-36VDC IN 24VDC OUT, 19W DC to DC Converter with PoE Inserter
TP-DCDC-1248
9-36VDC IN 48VDC OUT, 24W DC to DC Converter with PoE Inserter
TP-DCDC-1248M
9-36VDC IN 48VDC OUT, 24W DC to DC Converter with PoE Inserter. Metal Case.
TP-DCDC-1248D
9-36VDC IN 48VDC OUT, 16.8W DC to DC Converter with 802.3af PoE Inserter
For further information contact:
TP-DCDC-1218
TP-DCDC-1224
TP-DCDC-1248 (M)
TP-DCDC-1248D
DC Input Voltage
9VDC
– 36VDC
9VDC
– 36VDC
9VDC
– 36VDC
9VDC
– 36VDC
DC Input Connector
Removeable Screw Type Compression Wire Terminal (12 AWG Max)
DC Output Voltage (+/-2.5%)
18V (Passive)
24V (Passive)
48V (Passive)
48V (802.3af)
Data in & Data/POE Output
Connector
RJ45 (Shielded)
Output Current (max)
1.0A
0.8A
0.5A
0.35A
Output Power (max)
18W
19W
24W
16.8W
Self Consumption Power
1W
Efficiency (min)
75%
Line Regulation
1%
Load Regulation
5%
Ripple
1%
Noise
1%
EMC Standards
FCC Part 15 Sub B Class A, CE 55032, 55035
Safety Standards
EN/IEC 60950
Operating Temperature
-30 to +60°C (-22 to +140°F)
Operating Humidity (RH)
5% - 90%
Storage Temperature
-40 to +80°C (-40 to +176°F)
MTBF (Mean Time Between
Failure)
166,000 Hours
Dimensions (LxWxH)
85 x 76 x 36mm (3.4 x 3 x 1.4”)
Weight
134g (4.7oz)
Warranty
3 Years
Tyconsystems.com
DC Input Connector
Surge / Lightning Protection
14641 S 800 W Ste A Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com