Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-DCDC Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TP-DCDC
Description  DC to DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-DCDC Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TP-DCDC Datasheet HTML 1Page - Tycon Systems, Inc. TP-DCDC Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC to DC Converter
Features
• Input Voltage 9-36VDC; Output 18V, 24V or 48VDC
• IEEE 802.3af compliant model and non-compliant models
• Dual Inputs for connecting 2 power sources
• Integrated 10/100MB POE Inserter
• High Power up to 24W
• Short Circuit, Over Current and Reverse/Over Voltage Protection
• High Temperature Operation
• Compact size – Maximize Available Space
Applications
• 12V / 24V Battery Systems
• Wireless Access Points and Client Devices
• IP Phone and Security Camera Systems
Description
The TP-DCDC Series of DC to DC converters offered by Tycon Power® are a low cost and high reliability solution for
those requiring 18V to 48VDC Power over Ethernet voltage from a 12 or 24V battery system. They have an integrated
POE injector to apply the 48VDC to the CAT5 Ethernet cable. The output is regulated 18V, 24V or 48VDC from an
input voltage between 9VDC and 36VDC. They have two isolated inputs for connecting 2 power sources, like a primary
and backup power source. A metal enclosure model is available for industrial applications.
They accept data-in to a shielded RJ45 Jack and provide data-out and POE power on the shielded RJ45 output jack.
They work by supplying power on the unused Ethernet pins 4,5(V+) and 7,8(V-). An IEEE 802.3af compliant model is
available for those applications requiring 802.3af handshake.
They have various protections for surge, short circuit and overload. The units have power output up to 24W.
The DCDC converters are DIN rail mountable using DIN Rail adaptors pn: DIN-ClipKit-UNI
Device Pinouts
RJ-45 Input (Data Only)
RJ-45 Output (Data & Power)
Pin
Symbol
Description
Symbol
Description
1
RX+
Data Receive(+)
RX+
Data Receive(+)
2
RX-
Data Receive(-)
RX-
Data Receive(-)
3
TX+
Data Transmit(+)
TX+
Data Transmit(+)
4
NC
No Connection
+Vdc
DC power(+)
5
NC
No Connection
+Vdc
DC power(+)
6
TX-
Data Transmit(-)
TX-
Data Transmit(-)
7
NC
No Connection
-Vdc
DC power(-)
8
NC
No Connection
-Vdc
DC power(-)
Specifications
DATA SHEET
TP-DCDC
TP-DCDC-12xx
TP-DCDC-1248M
(Metal Enclosure)


Similar Part No. - TP-DCDC

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-DCDC-1224-HP TYCONSYSTEMS-TP-DCDC-1224-HP Datasheet
216Kb / 2P
High Power DC to DC Converter
TP-DCDC-1224G TYCONSYSTEMS-TP-DCDC-1224G Datasheet
247Kb / 2P
Gigabit DC to DC Converter
TP-DCDC-1224G-4P TYCONSYSTEMS-TP-DCDC-1224G-4P Datasheet
263Kb / 2P
Gigabit DC to DC Converter
TP-DCDC-1248G TYCONSYSTEMS-TP-DCDC-1248G Datasheet
247Kb / 2P
Gigabit DC to DC Converter
TP-DCDC-1248GAD TYCONSYSTEMS-TP-DCDC-1248GAD Datasheet
247Kb / 3P
Gigabit DC to DC Converter
More results

Similar Description - TP-DCDC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
DC-to-DC converter powertrain
Rev. 02-2 March 2005
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com