Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1416632 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1416632
Description  SAC-5P- 5,0-547/MINFS - Power cable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1416632 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1416632 Datasheet HTML 1Page - PHOENIX CONTACT 1416632 Datasheet HTML 2Page - PHOENIX CONTACT 1416632 Datasheet HTML 3Page - PHOENIX CONTACT 1416632 Datasheet HTML 4Page - PHOENIX CONTACT 1416632 Datasheet HTML 5Page - PHOENIX CONTACT 1416632 Datasheet HTML 6Page - PHOENIX CONTACT 1416632 Datasheet HTML 7Page - PHOENIX CONTACT 1416632 Datasheet HTML 8Page - PHOENIX CONTACT 1416632 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Connector
Connection 1
Type
free cable end
Connection 2
Type
Socket straight 7/8"-16UNF
Number of positions
5
Coding type
A
Cable/line
Cable length
5 m
CMX-OUTDOOR-CMG [547]
Number of positions
3
Shielded
no
Cable type
CMX-OUTDOOR-CMG [547]
Conductor cross section
5 x AWG 18
External cable diameter
5.7 mm
Outer sheath, material
PVC
External sheath, color
yellow
Conductor material
Bare Cu litz wires
Single wire, color
black 1, blue 2, grey 3, brown 4, white 5
Nominal voltage, cable
300 V
Flame resistance
UL 1581, FT4
Other resistance
UV resistant (720 h) UL 2556
-40 °C ... 105 °C (cable, fixed installation)
Ambient temperature (operation)
-30 °C ... 105 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP68
-20 °C ... 105 °C (Plug / socket)
-20 °C ... 105 °C (Plug / socket)
-40 °C ... 105 °C (cable, fixed installation)
Ambient temperature (operation)
-30 °C ... 105 °C (Cable, flexible installation)
SAC-5P- 5,0-547/MINFS - Power cable
1416632
https://www.phoenixcontact.com/us/products/1416632
Jan 16, 2024, 6:51 AM
Page 3 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com