Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1416632 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1416632
Description  SAC-5P- 5,0-547/MINFS - Power cable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1416632 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1416632 Datasheet HTML 1Page - PHOENIX CONTACT 1416632 Datasheet HTML 2Page - PHOENIX CONTACT 1416632 Datasheet HTML 3Page - PHOENIX CONTACT 1416632 Datasheet HTML 4Page - PHOENIX CONTACT 1416632 Datasheet HTML 5Page - PHOENIX CONTACT 1416632 Datasheet HTML 6Page - PHOENIX CONTACT 1416632 Datasheet HTML 7Page - PHOENIX CONTACT 1416632 Datasheet HTML 8Page - PHOENIX CONTACT 1416632 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power cable, 5-position, free cable end, on Socket straight 7/8"-16UNF, coding: A, cable length:
5 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
Commercial data
Item number
1416632
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF14
Product key
BF1IMA
GTIN
4055626221755
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
MX
SAC-5P- 5,0-547/MINFS - Power cable
1416632
https://www.phoenixcontact.com/us/products/1416632
Jan 16, 2024, 6:51 AM
Page 1 (13)


Similar Part No. - 1416632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416630 PHOENIX-1416630 Datasheet
458Kb / 14P
SAC-5P-10,0-547/MINFR - Power cable
1416631 PHOENIX-1416631 Datasheet
454Kb / 13P
SAC-5P- 2,0-547/MINFS - Power cable
1416633 PHOENIX-1416633 Datasheet
458Kb / 13P
SAC-5P-10,0-547/MINFS - Power cable
1416634 PHOENIX-1416634 Datasheet
564Kb / 15P
SAC-5P-MINMR/ 2,0-547/MINFR - Power cable
1416636 PHOENIX-1416636 Datasheet
561Kb / 14P
SAC-5P-MINMR/ 5,0-547/MINFR - Power cable
More results

Similar Description - 1416632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1418426 PHOENIX-1418426 Datasheet
120Kb / 7P
Bus system cable - SAC-5P- 2,0-923/MINFS DN
09/11/2020
1424884 PHOENIX-1424884 Datasheet
169Kb / 12P
Sensor/actuator cable - SAC-5P-MR/ 0,5-547/FR SCO BK
09/11/2020
1424957 PHOENIX-1424957 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P- 2,0-547/FS SCO BK
09/11/2020
1424958 PHOENIX-1424958 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-547/FS SCO BK
09/11/2020
1507434 PHOENIX-1507434 Datasheet
740Kb / 19P
Bus system cable - SAC-5P-M12MS/ 5,0-920
Jan 11, 2023
1507489 PHOENIX-1507489 Datasheet
1Mb / 19P
Bus system cable - SAC-5P- 5,0-920/M12FS
Jan 11, 2023
1405980 PHOENIX-1405980 Datasheet
372Kb / 9P
Bus system cable - SAC-5P-M12MS/ 5,0-924
1507120 PHOENIX-1507120 Datasheet
1Mb / 23P
SAC-5P- 5,0-900/M12FSB - Bus system cable
1405982 PHOENIX-1405982 Datasheet
1Mb / 9P
SAC-5P- 5,0-924/M12FR - Bus system cable
1507078 PHOENIX-1507078 Datasheet
825Kb / 23P
SAC-5P-M12MSB/ 5,0-900 - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com