Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW3G Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TP-SW3G
Description  PoE / Ethernet Extender
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW3G Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TP-SW3G Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW3G Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PoE / Ethernet Extender
Features
• 3 Gigabit Ports, Easy Plug and Play Operation
• Extends the range of PoE and Ethernet an additional
100 meters or more
• Compatible with IEEE802.3af and IEEE802.3at and
IEEE802.3at 4 Pair (60W)
• No Additional Power Supply is Required
• Built-in Surge Protection
• Automatic MDI/MDI-X Crossover
• Automatic Speed and Duplex Sensing
• Low Self Power and High Temperature Operation
• CE and FCC Certification
• Compact Desktop or Wall Mount Design and Compatible with DIN Rail Adapters
Applications
• Add another PoE and Data Port without running more Ethernet Cable
• Extend Ethernet and PoE an additional 100 meters per each TP-SW3G
Description
The TP-SW3G Power over Ethernet (PoE) 3 Port Gigabit switches offered by Tycon® are fully automatic high speed
Ethernet switches with up to 30W of PoE power per port.
The unit accepts Gigabit data and power via PoE into the RJ45 “PoE In” port. The PoE In port is compatible with
IEEE802.3af, IEEE802.3at and IEEE802.3at 4 pair (60W). It can also accept 42-57VDC Passive PoE.
There are two fully compliant 802.3af/at Gigabit “PoE Out” ports. These ports are capable of up to 30W per port and
100m (330ft) distance.
Multiple TP-SW3G can be strung together to provide effective distances up to about 300m depending on loads. No
extra power is required as the units are powered over PoE.
The units are compatible with Category 5 or higher Ethernet cables. The RJ45 connectors are shielded and grounded
to the case. The units have 15kV surge protection on all Ethernet wires and are conformal coated for moisture
protection. They have a wide operating temperature range for outdoor and industrial applications.
TP-SW3G Pinout
RJ-45 PoE In (Data & Power)
RJ-45 PoE Out (Data & Power)
Pin
Symbol
Description
Symbol
Description
1
A+ / +Vdc
Data A+ / DC Power(-)
A+ / -Vdc
Data A+ / DC Power(-)
2
A- / +Vdc
Data A- / DC Power(-)
A- / -Vdc
Data A- / DC Power(-)
3
B+ / -Vdc
Data B+ / DC Power(+)
B+ / +Vdc
Data B+ / DC Power(+)
4
C+ / +Vdc
Data C+ / DC power(+)
C+
Data C+
5
C- / +Vdc
Data C- / DC power(+)
C-
Data C-
6
B- / -Vdc
Data B- / DC Power(+)
B- / +Vdc
Data B- / DC Power(+)
7
D+ / -Vdc
Data D+ / DC power(-)
D+
Data D+
8
D- / -Vdc
Data D- / DC power(-)
D-/
Data D-
DATA SHEET
TP-SW3G


Similar Part No. - TP-SW3G

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-SW3G-WT TYCONSYSTEMS-TP-SW3G-WT Datasheet
320Kb / 2P
PoE / Ethernet Extender
More results

Similar Description - TP-SW3G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
PoE Extender over Hybrid Fiber
logo
Axiomtek Co., Ltd.
ED3238 AXIOMTEK-ED3238 Datasheet
345Kb / 4P
10/100BASE-TX IEEE802.3af PoE Ethernet Extender over Coaxial Cable
ED3638 AXIOMTEK-ED3638 Datasheet
1Mb / 4P
Hardened 10/100BASE-TX PoL/PoE Ethernet Extender
ED3538 AXIOMTEK-ED3538 Datasheet
593Kb / 4P
Hardened 10/100BASE-TX PoL/PoE Ethernet Extender over Copper Wires
logo
List of Unclassifed Man...
HEST10M-8E-2G ETC2-HEST10M-8E-2G Datasheet
721Kb / 3P
Industrial Ethernet POE/PoE Switch
logo
Tripp Lite. All Rights ...
NPOE-EXT-1G30 TRIPPLITE-NPOE-EXT-1G30 Datasheet
179Kb / 3P
Gigabit Ethernet PoE/PoE Extender - Cat5e/6/6a, RJ45, IEEE 802.3at/af, 30W, 1 Port, 328 ft. (100 m)
NPOE-EXT-1G30WP TRIPPLITE-NPOE-EXT-1G30WP Datasheet
175Kb / 3P
Gigabit Ethernet PoE/PoE Extender, Water Resistant - Cat5e/6/6a, IP65, IEEE 802.3at/af, 30W, 1 Port
logo
Advantech Co., Ltd.
EKI-2701MPI-R ADVANTECH-EKI-2701MPI-R Datasheet
294Kb / 2P
HDBaseT Gigabit 60W PoE Extender
12-Oct-2018
logo
IOGEAR
GUCE51 IOGEAR-GUCE51 Datasheet
141Kb / 3P
USB Ethernet Extender (TAA Compliance)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com