Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW3G Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-SW3G
Description  PoE / Ethernet Extender
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW3G Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-SW3G Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW3G Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP-SW3G
TP-SW3G Spec Rev 2 30-Jan-18
Specifications Subject to Change Without Notice
Page 2
Specifications
TP-SW3G
Ports
1 data/PoE input and 2 data/PoE outputs, automatic crossover and polarity
Transmission Speed
1000 Mbps (Gigabit) / 100 Mbps /10 Mbps Auto-negotiation
Connections
Shielded RJ45, Grounded to case
PoE Input Port
Vin 44VDC to 57VDC, PoE Pinout: 1,2(V-); 3,6(V+) and/or 7,8(V-); 4,5(V+)
PoE Output Ports
Vout 42VDC to 55VDC, Pin assignment: V-(1,2), V+(3,6)
PoE Output Power
30W per port Maximum, 60W Total
POE Compatibility
IEEE802.3af (PoE), IEEE802.3at (PoE+), 802.3at 4 Pairs (60W) High PoE
POE Protections
Over Temperature, Over Current, Short Circuit
Surge Protection
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
Self Consumption
< 1.5 Watt Typical
LED’s
Link (Green On), Activity (Green Blinking ), PoE Detect (Yellow On)
Switch Technology
Store and Forward
Protocol
CSMA/CD
Flow Control
IEEE802.3x(full-duplex), Back Pressure(half-duplex)
Data Transmission Rate
148800pps ,14880pps
Address Table
1K MAC, self-learning
Operating Temp
-30 to +60°C (-22 to 140°F)
Operating Humidity (RH)
5% - 90% (non condensing)
Storage Temperature
-40 to +85°C (-40 to +185°F)
Dimensions (LxWxH)
119 x 85 x 28mm (4.7 x 3.3 x 1.1
”)
Weight
280g (9.9oz)
Warranty
3 Years
Typical Application:
System Ordering:
TP-SW3G
3 Port 802.3af/at Gigabit PoE Switch
– PoE / Ethernet Extender
For further information contact:
•
Tycon Power Systems POE Switches carry a 1 year warranty
Tyconsystems.com
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com