Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW5 Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-SW5
Description  PoE 5 Port Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW5 Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-SW5 Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW5 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP-SW5
TP-SW5 Spec Rev 20 15-Mar-22
Specifications Subject to Change Without Notice
Page 2
Specifications
TP-SSW5-NC
TP-SW5G-NC /
MULTI
TP-SW5G-D
TP-SW5G-24 (HP)
Ethernet Standard
IEEE802.3/IEEE802.3u
Ports
1 data/PoE input and 4 data/PoE, automatic crossover and polarity
Transmission Speed
100 Mbps /10 Mbps
Auto-negotiation
1000Mbps / 100 Mbps /10 Mbps Auto-negotiation
Switch Technology
Store and Forward
Protocol
CSMA/CD
Flow Control
IEEE802.3x(full-duplex), Back Pressure(half-duplex)
Data Transmission Rate
148800pps ,14880pps
1488000pps for 1000baseT,
148800pps for 100baseT, 14880pps for 10baseT
Address Table
1K MAC, self-learning
Connections
Shielded RJ45
POE Output Ports
Port 1-4, auto power management
Pin assignment: TX(1,2), RX(3,6), V+(4,5), V-(7,8)
Maximum POE Power
2A per port
1A per port
35W per port
Up to 35W per port; max 70W
Total per switch
HP with 24V Input 140W Total
HP with 12V Input 70W Total
POE Auto Detection
Passive PoE
IEEE 802.3af, 802.3at
POE Protection
Over Temperature, Over Current, Over/Under Voltage
Data Surge Protection
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
IEC61000-4-
5 (Lightning) 20A (8/20μs)
LED’s
Link (Green On), Activity (Green Blinking ); PoE Detect (Yellow On), PoE Detect Error (Yellow Blinking)
Power On (Green On), Power On Alarm (Red On)
DC Power Input
12V to 57VDC, Dual DC
Inputs, Reverse Polarity
Protected.
12V to 57VDC, Reverse
Polarity Protected. NC Accepts
PoE power input on Port 5
48VDC (42V to 60V), Dual DC
Inputs, Reverse Polarity
Protected. Also Accepts PoE
power input on Port 5
24VDC (12V to 36V), Dual DC Inputs,
Reverse Polarity Protected. Also Accepts
PoE power input on Port 5
Self Consumption
< 1 Watt
< 3 Watts
< 3 Watts
< 4 Watts
Operating Temp
-40 to +85°C
(-40 to 185°F)
-20 to +75°C
(-4 to 167°F)
-20 to +75°C
(-4 to 167°F)
-40 to +70°C
(-40 to 158°F)
Operating Humidity (RH)
5% - 90% (non condensing)
Storage Temperature
-55 to +85°C (-67 to +185°F)
Dimensions (LxWxH)
90 x 118 x 40mm
(3.5 x 4.6 x 1.6”)
159 x 118 x 40mm (6.3 x 4.6 x 1.6”) (HP version has metal housing)
Weight
182g (6.7oz)
318g (11oz)
383g (13.5oz)
Warranty
3 Years
Device Pinouts
– TP-SSW5-NC
TP-SW5G(-24/HP), TP-SW5G-NC / MULTI
RJ-45 Port 5 (Data Only)
RJ-45 Port 1-4 (Data & Power)
Pin
Symbol
Description
Symbol
Description
1
RX+
Data Receive(+)
RX+
Data Receive(+)
2
RX-
Data Receive(-)
RX-
Data Receive(-)
3
TX+
Data Transmit(+)
TX+
Data Transmit(+)
4
NC
No Connection
+Vdc
DC power(+)
5
NC
No Connection
+Vdc
DC power(+)
6
TX-
Data Transmit(-)
TX-
Data Transmit(-)
7
NC
No Connection
-Vdc
DC power(-)
8
NC
No Connection
-Vdc
DC power(-)
System Ordering: (Note: No Power Supply included)
TP-SW5G-D
5 Port 802.3at/af Gigabit PoE Switch (requires 42-57V DC source)
TP-SW5G-24
5 Port 802.3at/af Gigabit PoE Switch with 12-36VDC input. 70W Total
TP-SW5G-24HP
5 Port 802.3at/af Gigabit PoE Switch with 12-36VDC input, 140W Total
TP-SW5G-NC
5 Port 12V-56V Gigabit Passive PoE Switch
TP-SW5G-MULTI
5 Port 12V-56V Gigabit Passive PoE Switch with MultiVolt
™ Input
TP-SSW5-NC
5 Port 12V-56V 10/100MB Passive PoE Switch
For further information contact:
RJ-45 Port 5 (Data & Power)
RJ-45 Port 1-4 (Data & Power)
Pin
Symbol
Description
Symbol
Description
1
A+ / +Vdc
Data A+ / DC power(+)
A+
Data A+
2
A- / +Vdc
Data A- / DC power(+)
A-
Data A-
3
B+ / -Vdc
Data B+ / DC power(-)
B+
Data B+
4
C+ / +Vdc
Data C+ / DC power(+)
C+ / +Vdc
Data C+ / DC power(+)
5
C- / +Vdc
Data C- / DC power(+)
C- / +Vdc
Data C- / DC power(+)
6
B- / -Vdc
Data B- / DC power(-)
B-
Data B-
7
D+ / -Vdc
Data D+ / DC power(-)
D+ / -Vdc
Data D+ / DC power(-)
8
D- / -Vdc
Data D- / DC power(-)
D- / -Vdc
Data D- / DC power(-)
•
Tycon Power Systems POE Switches carry a 1 year warranty
Tyconsystems.com
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com