Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW5 Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TP-SW5
Description  PoE 5 Port Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW5 Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TP-SW5 Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW5 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PoE 5 Port Switch
Features
• High Power 10/100 and 1000Mb (“G”) PoE Switch
• Remotely Power Equipment thru CAT5 Cable up to 100m
• Up to 2A per Port
• Built-in Surge Protection
• Automatic MDI/MDI-X Crossover
• Automatic Speed and Duplex Sensing
• Compact Size
• High Temperature Operation
• CE and FCC Certification
Applications
• Wireless Access Points and Client Devices
• IP Phone and Security Camera Systems
• PoE Lighting Applications
Description
The SW5 Series Power over Ethernet (PoE) switches offered by Tycon Power® are fully automatic high speed 5 port
Ethernet switches with up to 2A of PoE power per port. The switch comes in 5 models:
TP-SW5G-D: IEEE802.3af/at Compliant 48VDC 10/100/1000MB PoE Switch. Switch accepts 48VDC power via a wire
terminal connector on the back of the Switch or via 48VDC PoE into the 802.3af/at compliant uplink port (90W max).
35W per port.
TP-SW5G-24 (HP): IEEE802.3af/at Compliant 48VDC 10/100/1000MB PoE Switch. Switch accepts 12-36VDC power
via a wire terminal connector on the back of the Switch or via 48VDC PoE into the 802.3af/at compliant uplink port
(90W max). Perfect for remote solar/battery systems. 35W per port. 70W Max Total, HP Ver 140W Max.
TP-SW5G-MULTI: Universal Multiple Voltage
(MultiVolt™) 10/100/1000MB PoE Switch. Switch accepts up
to 4 different voltages (12-57VDC) so user can power both 48V PoE and 24V PoE devices from the same
switch. The port can individually be set to Data Only by disconnecting the voltage input to that specific port.
1A per port.
TP-SW5G-NC: Universal Voltage 10/100/1000MB PoE Switch. Switch accepts universal voltage (12-
57VDC) via the wire terminal connector on the back of the switch. Also accepts 12-57VDC (1A max)
Passive PoE input on port 5. 1A per port.
TP-SSW5-NC: Universal Voltage 10/100 PoE Switch. Switch accepts universal voltage (12-57VDC) via
the wire terminal connector on the back of the Switch. This model
is very compact at only 4”x5”x1.5”. 2A
per port.
On the universal voltage models (“-NC”) the PoE output voltage = the input voltage so it is universal in its application.
The Ethernet spec supports distances up to 100m (328 feet) between the PoE switch and the remote device.
Tycon Power® sells a variety of power supplies in 60W, 120W and 180W sizes. 18VDC, 24VDC and
48VDC are available. All the Switches have DIN Rail mounts included for convenient DIN rail mounting.
DATA SHEET
TP-SW5 Series
TP-SW5G-D (802.3af/at)
TP-SW5G-NC
TP-SW5G-MULTI
TP-SW5G-24 (802.3af/at)
TP-SSW5-NC
TP-SW5G-24HP (802.3af/at)


Similar Part No. - TP-SW5

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-SW5G-D+ TYCONSYSTEMS-TP-SW5G-D+ Datasheet
332Kb / 2P
802.3bt Input PoE Switch
TP-SW5G-D-BT TYCONSYSTEMS-TP-SW5G-D-BT Datasheet
317Kb / 2P
802.3bt 90W PoE Switch
TP-SW5G-VERSA TYCONSYSTEMS-TP-SW5G-VERSA Datasheet
330Kb / 2P
Versatile Output PoE Switch
TP-SW5G-VERSABT TYCONSYSTEMS-TP-SW5G-VERSABT Datasheet
299Kb / 2P
Versatile Output PoE Switch
More results

Similar Description - TP-SW5

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2526PI ADVANTECH-EKI-2526PI Datasheet
560Kb / 1P
5-port Industrial PoE Switch
logo
Phihong USA Inc.
POE60S-4AF PHIHONG-POE60S-4AF Datasheet
87Kb / 2P
5 Port PoE Switch Powered by ULTRA PoE
POE61S-4AF-R PHIHONG-POE61S-4AF-R Datasheet
240Kb / 3P
5 Port PoE Switch Powered by ULTRA PoE
logo
Advantech Co., Ltd.
EKI-2525P-BE ADVANTECH-EKI-2525P-BE Datasheet
335Kb / 2P
5-port Industrial PoE Switch
logo
ORing Industrial Networ...
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
5-port unmanaged Gigabit PoE Ethernet switch
TPS-141TX-M12 ORING-TPS-141TX-M12 Datasheet
3Mb / 4P
5-port unmanaged PoE Ethernet switch
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
logo
Advantech Co., Ltd.
EKI-2525P ADVANTECH-EKI-2525P Datasheet
336Kb / 2P
5-port Industrial PoE Switch
23-Aug-2016
logo
Black Box Registered Tr...
SW-125 BLACKBOX-SW-125 Datasheet
1Mb / 4P
Embedded Industrial 5 Port PoE Ethernet Switch
SW-725 BLACKBOX-SW-725 Datasheet
1Mb / 4P
Hardened Industrial 5 Port PoE Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com