Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW8 Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TP-SW8
Description  PoE 8 Port Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW8 Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TP-SW8 Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW8 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PoE 8 Port Switch
Features
• High Power 10/100Mb 8 Port PoE Switch
• Remotely Power Equipment thru CAT5 Cable up to 100m
• Extend Ethernet and PoE up to 200m
• Up to 2A per Port
• Built-In Surge Protection
• Automatic MDI/MDI-X Crossover
• High Temperature Operation
• CE and FCC Certification
Applications
• Wireless Access Points and Client Devices
• IP Phone and Security Camera Systems
• Power multiple devices from 1 data cable
• PoE Lighting Applications
Description
The TP-SW8-D Power over Ethernet 802.3af/at (PoE) 10/100Mb switch offered by Tycon Power® is a fully automatic
high speed 8 port Ethernet switch. The -NC version is a passive PoE model for devices which are not 802.3af/at
compliant. On the -NC version the PoE output voltage = the input voltage so it is universal in its application. The DC
input power range can be from 12V to 57V. The units can be powered via 2 or 4 pair PoE to port 8 (2A max). TP-SW8-
D has a 2 channel 802.3at input for 70W max PoE input. Both models supply power to the remote device on the
unused Ethernet pins 4,5(V+) and 7,8(V-). The Ethernet spec supports distances up to 100m (328 feet) between the
PoE switch and the remote device.
18V, 24V and 48V 60W, 120W and 180W power supplies are available. There are 2 power inputs for attachment of
primary and backup power sources.
Device Pinouts
RJ-45 Port 8 (Data/PoE Input)
RJ-45 Port 1-7 (Data & PoE Out)
Pin
Symbol
Description
Symbol
Description
1
RX+, V+, V-
Data Rx(+), PoE in
RX+
Data Receive(+)
2
RX-, V+, V-
Data Rx(-), PoE in
RX-
Data Receive(-)
3
TX+, V-, V+
Data Tx(+), PoE in
TX+
Data Transmit(+)
4
V+, V-
PoE in,
+Vdc
DC power(+)
5
V+, V-
PoE in
+Vdc
DC power(+)
6
TX-, V-, V+
Data Tx(-), PoE in
TX-
Data Transmit(-)
7
V-, V+
PoE in
-Vdc
DC power(-)
8
V-, V+
PoE in
-Vdc
DC power(-)
DATA SHEET
TP-SW8 Series


Similar Part No. - TP-SW8

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
TP-SW8GAT TYCONSYSTEMS-TP-SW8GAT Datasheet
305Kb / 3P
Managed Industrial AT/PASV PoE Switch
More results

Similar Description - TP-SW8

ManufacturerPart #DatasheetDescription
logo
Level One
GEP-0820 LVL1-GEP-0820 Datasheet
821Kb / 3P
8-Port Gigabit PoE Plus Switch
GEP-0821 LVL1-GEP-0821 Datasheet
710Kb / 3P
8-Port Gigabit PoE Plus Switch
GEP-0822 LVL1-GEP-0822 Datasheet
735Kb / 3P
8-Port Gigabit PoE Plus Switch
logo
ORing Industrial Networ...
IPS-1080-24V ORING-IPS-1080-24V Datasheet
1,019Kb / 3P
Industrial 8-port unmanaged PoE Ethernet switch
TGPS-1080-M12 ORING-TGPS-1080-M12 Datasheet
3Mb / 4P
8-port unmanaged Gigabit PoE Ethernet switch
TGPS-1080-M12-BP2 ORING-TGPS-1080-M12-BP2 Datasheet
3Mb / 4P
8-port unmanaged Gigabit PoE Ethernet switch
TGPS-9080-M12A-MV ORING-TGPS-9080-M12A-MV Datasheet
4Mb / 6P
8-port managed Gigabit PoE Ethernet switch
TPS-1080-M12 ORING-TPS-1080-M12 Datasheet
914Kb / 4P
8-port unmanaged PoE Ethernet switch
TPS-1080-M12-BP2 ORING-TPS-1080-M12-BP2 Datasheet
914Kb / 4P
8-port unmanaged PoE Ethernet switch
TPS-3044TX-M12 ORING-TPS-3044TX-M12 Datasheet
3Mb / 5P
8-port managed PoE Ethernet switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com