Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW8 Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-SW8
Description  PoE 8 Port Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW8 Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-SW8 Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW8 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP-SW8
TP-SW8 Spec Rev 11 15-Mar-22
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
TP-SW8-D
8 Port 802.3af/at compliant PoE Switch (no power supply included
– requires 46-57V DC
power source)
TP-SW8-NC
8 Port 12V-57V passive PoE Switch (no power supply included)
For further information contact:
TP-SW8-D / -NC
Ethernet Standard
IEEE802.3/IEEE802.3u (10 base-T/100base-T)
POE Standard (Port 1-8)
TP-SW8-D IEEE802.3af/at
TP-SW8-NC Passive POE 12-57VDC
Ports
One data/PoE input and seven data/PoE outputs
automatic crossover and polarity
Transmission Speed
100 Mbps(100base-T),10 Mbps(10base-T)
Auto-negotiation
Switch Technology
Store and Forward
Protocol
CSMA/CD
Flow Control
IEEE802.3x(full-duplex), Back Pressure(half-duplex)
Data Transmission Rate
148800pps for 100base-T, 14880pps for 10base-T
Address Table
2K MAC, self-learning
Connections
Shielded RJ45
POE Port
Port 1-7, auto power management
Pin assignment: TX(1,2), RX(3,6), V+(4,5), V-(7,8)
Maximum POE Power
Port 1-8, 2A Per Port
– NC Version
Port 1-7(35W), 8 (70W)
– 802.3af/at Version
Wire Terminal or DIN Connector Input Max 10A
POE Protection
Over Temperature, Over Current, Over/Under Voltage
Data Surge Protection
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
IEC61000-4-5
(Lightning) 20A (8/20μs)
LED’s
Link (Green On, Yellow On)
Activity (Green Blinking, Yellow Blinking )
PoE Input Detect-4 pair (Yellow On)
PoE Input Detect-2 pair (Yellow Blinking)
Power On (Green On)
Power On Alarm (Red On)
DC Power Input
46V to 57V,
12V to 57V(-NC Version)
Dual DC Inputs, Reverse Polarity Protected.
Self Consumption
<1.5 Watts
Operating Temperature
-40 to +85°C (-40 to 185°F)
Operating Humidity (RH)
5% - 90% (non condensing)
MTBF (Mean Time Between
Failure)
70,281 Hours
Storage Temperature
-55 to +105°C (-67 to +221°F)
Dimensions (LxWxH)
159 x 116 x 40mm (6.3 x 4.6 x 1.6”)
Weight
0.45kg (1lb)
Warranty
3 Years
LED
STATUS
DESCRIPTION
P1~P8
Link/Act
Green
A network device is detected at
100Mbps, but no communication
activity is detected.
Green
Blinking
This port is transmitting to, or
receiving packet from another
device at 100Mbps.
Yellow
A network device is detected at
10Mbps, but no communication
activity is detected.
Yellow
Blinking
This port is transmitting to, or
receiving packet from another
device at 10Mbps.
Off
No device is detected.
LED
STATUS
DESCRIPTION
P1~P7
PoE PSE
Yellow
A valid Powered Device(PD) is
detected and delivering power on
this port.
Off
No PD is detected on this port.
P8
PoE PD
Yellow
4 pairs power source received
Yellow
Blinking
2 pairs power source received
Off
No PoE power detected on this port
LED
STATUS
DESCRIPTION
Power
Green
LED ON if either power input (port 8
or wire terminal) has valid power
applied
Red
LED ON if the following condition
happened.
*Power input under voltage (Vin<
12V)
*Wire Terminal Power input over
voltage (Vin>58V)
*PoE over current (>2A)
Off
No power in DC input
Tyconsystems.com
LED STATUS INDICATORS
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com