Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW8GAT Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TP-SW8GAT
Description  Managed Industrial AT/PASV PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW8GAT Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TP-SW8GAT Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW8GAT Datasheet HTML 2Page - Tycon Systems, Inc. TP-SW8GAT Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP-SW8GAT/24-SFP
TP-SW8GAT-24-SFP Spec Rev 1 15-Mar-22
Specifications Subject to Change Without Notice
Page 2
Specifications
TP-SW8GAT/24-SFP
Ports
Ports 1-8: Configurable as 802.3af/at or 24V Passive PoE, 30W
Ports 9-10: SFP Fiber Transceivers
Console Port (38400 Baud, 8 Bit, N parity, 1 stop bit, N flow control)
Alarm Input (5-57VDC 0.5mA)
Alarm Relay Output (up to 60V 3A Switching)
Temperature/Humidity Probe Input
Ethernet Transmission Speed
1000 Mbps (Gigabit) / 100 Mbps /10 Mbps Auto-negotiation
Fiber Transceiver Compatibility
1G Multi Mode or Single Mode
Connections
Shielded RJ45, Shielded SFP/LC, Grounded to Case
Power Input
Vin 37VDC to 57VDC on Dual Input Wire Terminal (Max wire size 12AWG)
Self Consumption
< 3 watts typical
LED’s – Normal State
PoE Port 1-8:(Green=48V; Orange=24V)
Port 9-10: (SFP LED)
Link port:(Green=Link LED)
PWR:( Power/system LED), Flashing means Normal Power
V1: (Master power LED)
V2: (Slave power LED)
HW:(Ring network ON LED)
PoE Protections
Over Voltage, Over Current, Short Circuit
PoE Pinout
802.3af/at Ports = 1/2 V+ ; 3/6 V-
24V Passive PoE = 4/5 V+ ; 7/8 V-
Surge Protection
6KV Normal Mode, 2KV Differential Mode
ESD Protection
15KV Air, 8KV Touch
Management Methods
WEB, CLI, TELNET, SSH, SNMP
VLANS
Supports up to 4094 active VLANs simultaneously (out of 4096 VLAN IDs);
Port-based VLAN; 802.1Q tag-based VLAN; 802.1ad Q-in-Q Tunneling, Private Vlan (Protected
Port), GARP/GVRP
Port Management
PoE enable/disable, PoE Mode control, Soft Re-boot PoE Port, Total PoE Power budget
control, PoE Port priority, PoE port power limitation, PD Classification Detect, PD alive check,
PoE scheduling
STP
Standard Spanning Tree (STP) 802.1d, Rapid Spanning Tree (RSTP) 802.1w
Multiple Spanning Tree (MSTP) 802.1s
Loop guard, TC-BPDU Guard, BPDU Guard, BPDU Filter
Ring Network Protocol
ERPS (Ethernet Ring Protection Switching), <20ms G.8032 ERPS Ring
Link Aggregation
Static/Manual Aggregation, LACP Dynamic Convergence, Algorithm based on
source/destination IP or MAC
IGMP v1/v2/v3 snooping
IGMP limits bandwidth-intensive multicast traffic to only the requesters; supports 256 multicast
groups, MLD snooping, Multicast VLAN
MAC Management
Add/Delete, MAC Address learning limit, Dynamic Aging Time Setting
Layer 3 Switching Functions
Virtual VLAN Interface, ARP, Static Router
ACL (Access Control List)
Based on source MAC, destination MAC, prototcol type, source IP, destination IP, L4 port
number.
Supports time-range time management.
QOS (Quality of Service)
802.1p(COS), DSCP Classification, Source IP/Destination IP/Port Number Classification.
Supports SP/WRR/DRR Scheduling Strategy and Traffic Speed Limit (CAR).
Anti-Attack Support
DOS Defense, CPU Protection, limit message send rate
ARP Binding (IP, MAC, PORT)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com