Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-SW8GAT Datasheet(PDF) 3 Page - Tycon Systems, Inc.

Part # TP-SW8GAT
Description  Managed Industrial AT/PASV PoE Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TP-SW8GAT Datasheet(HTML) 3 Page - Tycon Systems, Inc.

  TP-SW8GAT Datasheet HTML 1Page - Tycon Systems, Inc. TP-SW8GAT Datasheet HTML 2Page - Tycon Systems, Inc. TP-SW8GAT Datasheet HTML 3Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP-SW8GAT/24-SFP
TP-SW8GAT-24-SFP Spec Rev 1 15-Mar-22
Specifications Subject to Change Without Notice
Page 3
Other Functions
LLDP, Add/Delete Users, Log user login/operation/status/events, Port security (Dying
Gasp/SNMP Trap), Device Reset, Configuration save/restore, NTP time setting, Upgrade
Management.
Jumbo Frame Support
9216 Bytes
Switching Capacity
20 Gbps
Packet Forwarding Rate
14.88Mpps @ 64 Bytes
Forwarding Mode
Store and Forward
Package Cache
4.1M
RAM / Flash
1 Gb / 128MB
Address Table
8K MAC, self-learning
Network Protocols and Standards
Summary
IEEE 802.3i 10BASET, 802.3u 100BASET, 802.3z 1000BASET
802.3x Flow Control
802.3ab Gigabit Media Independent Interface (GMII)
802.1q VLANs, 802.1p (QOS)
802.3ad Link Aggregation Control Protocol (LACP)
802.3af /at (PoE)
IEEE G.8032 Ethernet ring protection (<20ms)
(STP) 802.1d, (RSTP) 802.1w, (MSTP) 802.1s
Other Industry Standards
EMI: FCC Part 15, CISPR (EN55032) class A
EMS: EN61000-4-2 (ESD), EN61000-4-4 (EFT), EN-61000-4-5 (Surge)
Shock: IEC 60068-2-27, Free Fall: IEC 60068-2-32, Vibration: IEC 60068-2-6
Environmental Protection
IP40
Operating Temp
-40 to +75°C (-40 to 167°F)
Operating Humidity (RH)
5% - 95% (non condensing)
Storage Temperature
-40 to +85°C (-40 to +185°F)
MTBF
50,000 hours
Certifications
CE, FCC, RoHS
Dimensions (LxWxH)
165*145*53.5(mm) (6.5 x 5.7 x 2.1
”)
Weight
0.9kg (2lb)
Warranty
5 Years
System Ordering:
TP-SW8GAT/24-SFP
Industrial Managed Gigabit PoE Switch with 8 configurable 802.3at or 24V Passive
PoE (30W) Ports
Accessories (Power Supplies):
PSDIN-48-120W
90-264VAC In, 47-56VDC (adjustable) 2.5A 120W Out Industrial DIN Rail
PSDIN-48-240W
90-264VAC In, 47-56VDC (adjustable) 5.0A 240W Out Industrial DIN Rail
For further information contact:
Tyconsystems.com
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
•
Tycon Power Systems POE Switches carry a 1 year warranty



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com