Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TPW
Description  BreezePro™ Horizontal Wind Turbine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TPW Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TPW Datasheet HTML 1Page - Tycon Systems, Inc. TPW Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPW Series
TPW Series Spec Rev 15 12-Dec-23
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
TPW-400DT-12/24 400W 12V/24V BreezePro™ Horizontal Wind Turbine with embedded controller and dump load
For further information contact:
TPW-400DT-12/24
Startup Wind Speed
2.1m/s (4.5mph)
Power Rating
300W @ 12.5m/s
Max Power Output
400W
Battery Charge Voltage Range
12V = 14.7 to 15.2V ; 24V = 29.4 to 30.4V
Turbine Voltage Output
12V or 24V Auto Select Battery Voltage
Controller Operation 12V/24V
<14.5V or 29V 100% to battery
>14.5V or 29V Split Power to Battery and Dump Load
>15V or 30V 100% to Dump Load
Rotor Diameter
1.2m (3.9ft)
Blade Material
Glass reinforced nylon
Body
Die Cast Aluminum
Weatherproofing
IP65 and Salt Mist Corrosion Protected
Over-speed Protection
Electronic with integrated dump load
Survival Wind Speed
50m/s (112mph)
Noise Level (Measured at 3 meters)
50dBA Typ @ 450RPM
Wind Load
Wind Surface Area 375 sq in, 30lbs @ 60MPH, 67lbs @ 90MPH
Certifications
CE , RoHS
Mounting Pole Required
41mm (1.614”) ID (Example 1.5” Sched 40)
Operating Temperature
-40C to +60C (-40F to + 140F)
Weight
10.5kg (23lb)
Warranty
2 years
Wind
Speed
RPM
Amps
MPH
r/Min
12V/24V
4.5
120
0.04 / 0.01
5.6
150
0.23 / 0.08
7.4
200
0.67 / 0.32
9.4
250
2.7 / 1.0
11.2
300
5.2 / 2.5
13.2
350
6.9 / 3.3
15
400
8.7 / 4.3
16.8
450
9.3 / 5.5
18.8
500
10 / 6.0
20.6
550
11 / 6.7
Tyconsystems.com
14641 S 800 W Bluffdale, UT 84065
PH: 801-432-0003 FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com