Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPW Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # TPW
Description  BreezePro™ Horizontal Wind Turbine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TPW Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  TPW Datasheet HTML 1Page - Tycon Systems, Inc. TPW Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BreezePro
™ Horizontal Wind Turbine
Features
• Integrated Controller with Dump Load to Optimize
Performance
• Wind Turbine startup wind speed of 2.1m/s (4.5mph)
• Smooth and quiet running maintenance free sealed turbine
• Sealed die cast aluminum housing for protection from harsh
environments
• Very light and compact
• Easy Installation and Maintenance Free Operation
• Electronic over-speed protection
Applications
• Battery Charging Applications
• Surveillance Cameras
• Wireless Base Stations
• Electric Gate Openers, Electric Fences
• Street Lamps and Signs
• Remote Cabins and buildings
• Boats, RV’s and static caravans
• Security Systems
Description
The BreezePro
™ Wind Turbines from Tycon Solar® are lightweight at less than 10.5kg and are designed for ease of
installation and long service life. The generator is a very low cogging force design for better performance in light winds
and is packaged in a fully sealed die cast aluminum enclosure. There are no brushes to wear out or cause electrical
noise and the bearings are sealed so the system is maintenance free. The blades are glass reinforced nylon for high
strength, UV resistance and fatigue resistance. The turbines are 12V/24V auto voltage select. The unit includes an
embedded smart battery charge controller and dump load resistor. The dump load helps prevent premature braking and
increases the total power delivered to the batteries. It also helps protect the turbine in high winds. The entire blade
assembly can be removed easily as 1 piece for hurricane protection. This also makes it easier and safer to install.
The permanent magnets used are Neodymium Iron Boron (NdFeB) for higher power output.
The mounting is to the inside of the top of a 41mm ID standard pole
(1.5” Sched 40). The hardware used is stainless
steel for corrosion protection. The units can be used in arrays of multiple turbines to increase available power.
DATA SHEET
TPW Series


Similar Part No. - TPW

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TPW-25A TOPSTEK-TPW-25A Datasheet
163Kb / 2P
Highly reliable Hall Effect device
TPW100A TOPSTEK-TPW100A Datasheet
158Kb / 2P
Topstek Current Transducers
TPW125A TOPSTEK-TPW125A Datasheet
158Kb / 2P
Topstek Current Transducers
logo
Toshiba Semiconductor
TPW1500CNH TOSHIBA-TPW1500CNH Datasheet
379Kb / 10P
MOSFETs Silicon N-channel MOS
2019-10-30 Rev.4.0
logo
Topstek Inc.
TPW150A TOPSTEK-TPW150A Datasheet
158Kb / 2P
Topstek Current Transducers
More results

Similar Description - TPW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1290E SUNNYWAY-SW1290E Datasheet
359Kb / 1P
Photovaltaic & wind power battery
SW12120E SUNNYWAY-SW12120E Datasheet
379Kb / 1P
Photovaltaic & wind power battery
SW12330E SUNNYWAY-SW12330E Datasheet
419Kb / 1P
Photovaltaic & wind power battery
SW12700E SUNNYWAY-SW12700E Datasheet
427Kb / 1P
Photovaltaic & wind power battery
logo
List of Unclassifed Man...
GT4 ETC2-GT4 Datasheet
168Kb / 2P
PNEUMATIC TURBINE VIBRATIORS
logo
Advanced Thermal Soluti...
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
WIND TUNNEL CONTROLLER
R3_0215
logo
TT Electronics.
DS1011 TTELEC-DS1011 Datasheet
343Kb / 1P
Digital Liquid Turbine
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
Turbine Flow Meter
logo
Skeleton Technologies. ...
171V5.8F SKELETON-171V5.8F Datasheet
295Kb / 2P
A compact, high-power energy storage module wind turbine pitch control systems
2022
logo
Vaisala
HMT300TMK VAISALA-HMT300TMK Datasheet
843Kb / 2P
HMT300TMK Turbine Mounting Kit For Power Turbine Intake Air Measurement
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com