Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3000 Datasheet(PDF) 2 Page - QuWireless

Part # R3000
Description  INTEGRATED MULTI-BAND 5G DIRECTIONAL ANTENNA WI-FI 6E OMNI ANTENNA GPS ANTENNA POE SPLITTER PLACE TO INSTALL ROBUSTEL R3000 (ALL-IN-ONE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

R3000 Datasheet(HTML) 2 Page - QuWireless

  R3000 Datasheet HTML 1Page - QuWireless R3000 Datasheet HTML 2Page - QuWireless R3000 Datasheet HTML 3Page - QuWireless R3000 Datasheet HTML 4Page - QuWireless R3000 Datasheet HTML 5Page - QuWireless R3000 Datasheet HTML 6Page - QuWireless R3000 Datasheet HTML 7Page - QuWireless R3000 Datasheet HTML 8Page - QuWireless R3000 Datasheet HTML 9Page - QuWireless Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
5G / LTE ANTENNA SPECIFICATION
FREQUENCY
617 - 960 MHz
1.7 - 2.7 GHz
3.3 - 4.6 GHz
4.7 - 6.0 GHz
GAIN
617 - 960 MHz : 6 dBi
1.7 - 2.7 GHz : 7 dBi
3.3 - 4.6 GHz : 7 dBi
4.7 - 6.0 GHz : 5.5dBi
SUPPORTED LTE BANDS
1, 2, 3, 4, 5, 7, 8, 9, 10, 12, 13, 14, 17, 18, 19, 20, 22, 25, 26, 27, 28, 29, 30,
33, 34, 35, 36, 37, 38, 39, 40, 41, 42, 43, 44, 46, 47, 48, 49, 52, 53, 65,
66, 67, 68, 69, 71, 85, 103, 106
SUPPORTED 5G BANDS
n1, n2, n3, n5, n7, n8, n12, n13, n14, n18, n20, n25, n26, n28, n29, n30,
n34, n38, n39, n40, n41, n46, n47, n48, n53, n65, n66, n67, n71, n77,
n78, n79, n80, n81, n82, n83, n84, n85, n86, n89, n90, n95, n97, n98,
n100, n101, n256
VSWR
<2.00, max <3.00
BEAMWIDTH
80°/80° ±15°
POLARIZATION
X (+-45degrees)
IMPEDANCE
50
Ω
DATASHEET / QuMax for Robustel R3000
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com