Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3000 Datasheet(PDF) 1 Page - QuWireless

Part # R3000
Description  INTEGRATED MULTI-BAND 5G DIRECTIONAL ANTENNA WI-FI 6E OMNI ANTENNA GPS ANTENNA POE SPLITTER PLACE TO INSTALL ROBUSTEL R3000 (ALL-IN-ONE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

R3000 Datasheet(HTML) 1 Page - QuWireless

  R3000 Datasheet HTML 1Page - QuWireless R3000 Datasheet HTML 2Page - QuWireless R3000 Datasheet HTML 3Page - QuWireless R3000 Datasheet HTML 4Page - QuWireless R3000 Datasheet HTML 5Page - QuWireless R3000 Datasheet HTML 6Page - QuWireless R3000 Datasheet HTML 7Page - QuWireless R3000 Datasheet HTML 8Page - QuWireless R3000 Datasheet HTML 9Page - QuWireless Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
QuMax for Robustel R3000
INTEGRATED MULTI-BAND 5G DIRECTIONAL ANTENNA + WI-FI 6E OMNI ANTENNA + GPS ANTENNA + POE SPLITTER +
PLACE TO INSTALL ROBUSTEL R3000 (ALL-IN-ONE)
QuMax antenna for Robustel R3000 router is a perfect outdoor device for improving the signal in rural/suburban
and locations where the mobile signal is weak. It has embedded directional 5G, omni Wi-Fi 6E and GPS antenna. If
you use R3000 with QuMax antenna, you get an integrated complete solution with embedded router and multi
band antennas in one enclosure.
Wi-Fi 6E support!
The set contains a PoE splitter, allowing you to split data and power from a single Ethernet cable and maintain
gigabit transfer speeds while protecting the LAN port from damage caused by overvoltage, short circuit or
improper connection.
DATASHEET / AR3000M
VERSION / 2.07
OUTDOOR ANTENNA WORKS IN ANY
WEATHER CONDITIONS, IP67
MOUNTING SYSTEM WITH TWO
PLANES, 60 DEGREES REGULATION
WIDE BAND 600-6000MHZ, 5G
TECHNOLOGY
ANTENNA PERFECTLY MATCHED WITH
THE ROBUSTEL R3000
ALL ANTENNAS AND ROBUSTEL
ROUTER INTEGRATED IN ONE
ENCLOSURE


Similar Part No. - R3000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R3000 RECTRON-R3000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R3000 DCCOM-R3000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R3000 DIODES-R3000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
MIC GROUP RECTIFIERS
R3000 MIC-R3000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shanghai Lunsure Electr...
R3000 CHENYI-R3000 Datasheet
48Kb / 2P
200Milliamp high voltage silicon rectifier 2500to3000 volts
More results

Similar Description - R3000

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118907-1 TEC-2118907-1 Datasheet
718Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
logo
Qorvo, Inc
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com