Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT956 Datasheet(PDF) 2 Page - QuWireless

Part # RUT956
Description  Integrated multi-band LTE omni antennas WiFi omni antennas place to install Teltonika RUT956 or RUT955(All-in-one)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

RUT956 Datasheet(HTML) 2 Page - QuWireless

  RUT956 Datasheet HTML 1Page - QuWireless RUT956 Datasheet HTML 2Page - QuWireless RUT956 Datasheet HTML 3Page - QuWireless RUT956 Datasheet HTML 4Page - QuWireless RUT956 Datasheet HTML 5Page - QuWireless RUT956 Datasheet HTML 6Page - QuWireless RUT956 Datasheet HTML 7Page - QuWireless RUT956 Datasheet HTML 8Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTE ANTENNA SPECIFICATION
FREQUENCY
694 - 960 MHz
1.7 - 2.2 GHz
2.2 - 2.7 GHz
SUPPORTED LTE/5G BANDS
1, 2, 3, 4, 5, 7, 8, 9, 10, 12, 13, 14, 17, 18, 19, 20, 25, 26, 27, 28, 29, 30, 33,
34, 35, 36, 37, 38, 39, 40, 41, 44, 53, 65, 66, 67, 68, 69, 85, 103, n80,
n81, n82, n83, n84, n86, n89, n90, n95, n97, n98, n100, n101, n256
GAIN
694 - 960 MHz : 2 dBi
1.7 - 2.2 GHz : 2 dBi
2.2 - 2.7 GHz : 4 dBi
VSWR
<1.60, max <2.00
BEAMWIDTH
360°/35° ±5°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
WI-FI ANTENNA SPECIFICATION
FREQUENCY
2.4 - 2.5 GHz
GAIN
6 dBi
VSWR
<1.70, max <2.00
BEAMWIDTH
360°/25° ±5°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
DATASHEET / QuSpot for Teltonika RUT956/RUT955
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 2
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com