Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT956 Datasheet(PDF) 7 Page - QuWireless

Part # RUT956
Description  Integrated multi-band LTE omni antennas WiFi omni antennas place to install Teltonika RUT956 or RUT955(All-in-one)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

RUT956 Datasheet(HTML) 7 Page - QuWireless

  RUT956 Datasheet HTML 1Page - QuWireless RUT956 Datasheet HTML 2Page - QuWireless RUT956 Datasheet HTML 3Page - QuWireless RUT956 Datasheet HTML 4Page - QuWireless RUT956 Datasheet HTML 5Page - QuWireless RUT956 Datasheet HTML 6Page - QuWireless RUT956 Datasheet HTML 7Page - QuWireless RUT956 Datasheet HTML 8Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LTE from 2.3GHz to 2.7GHz
Wi-Fi 2.4GHz and 5GHz
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
2300 MHz
2500 MHz
2700 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
2300 MHz
2500 MHz
2700 MHz
-3 dB
ELEVATION
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
2400 MHz
5000 MHz
5700 MHz
-3 dB
AZIMUTH
0°
30°
60°
90°
120°
150°
180°
210°
240°
270°
300°
330°
-30 dB
-25 dB
-20 dB
-15 dB
-10 dB
-5 dB
2400 MHz
5000 MHz
5700 MHz
-3 dB
DATASHEET / QuSpot for Teltonika RUT956/RUT955
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 7
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com