Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC01LCASLCASA220ESS Datasheet(PDF) 3 Page - Huber+Suhner, Inc.

Part # PC01LCASLCASA220ESS
Description  Simplex_LC classic-LC classic_APC_2.0mm_yellow_SM/A2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

PC01LCASLCASA220ESS Datasheet(HTML) 3 Page - Huber+Suhner, Inc.

  PC01LCASLCASA220ESS Datasheet HTML 1Page - Huber+Suhner, Inc. PC01LCASLCASA220ESS Datasheet HTML 2Page - Huber+Suhner, Inc. PC01LCASLCASA220ESS Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
DATA SHEET
Assemblies
Simplex_LC classic-LC classic_APC_2.0mm_yellow_SM/A2
PC01_LCAS_LCAS_A220E_XX.X_SS
Ordering Information Table
85030988
PC01_LCAS_LCAS_A220E_10.0_SS
10
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P15134 / Date of publication: 30.10.2023 / uncontrolled copy
hubersuhner.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com