Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC01LCASLCASA220ESS Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # PC01LCASLCASA220ESS
Description  Simplex_LC classic-LC classic_APC_2.0mm_yellow_SM/A2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

PC01LCASLCASA220ESS Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  PC01LCASLCASA220ESS Datasheet HTML 1Page - Huber+Suhner, Inc. PC01LCASLCASA220ESS Datasheet HTML 2Page - Huber+Suhner, Inc. PC01LCASLCASA220ESS Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA SHEET
Assemblies
Simplex_LC classic-LC classic_APC_2.0mm_yellow_SM/A2
PC01_LCAS_LCAS_A220E_XX.X_SS
Properties
• One-piece design
for easy and quick
termination
• Push-pull mechanism for
best handling and high
packing density
• Very short rigid length
General data
Assembly family
Simplex patch cord - LC to LC
Application Area
Indoor
Fiber quantity
1 pcs
Flammability rating
UL 94 V-0
Operation temperature
-25 °C ... 70°C
Side A / Le
Type
Fiber Optic Connector
Connector family
LC
Gender
Plug
Housing colour FO Connector
Green
Clip type
Simplex
Clip family
Classic
Boot colour
Black
Mating cycles with repeated cleaning
1000
Mechanical Inte ace Standard
IEC 61754-20, TIA 604-10-A (LC)
Pe ormance class H+S
S
Polishing
APC
Insertion loss 97%
≤ 0.45 dB
Insertion loss typical
≤ 0.2 dB
Return loss
≥ 65 dB
Side B / Right
Type
Fiber Optic Connector
Connector family
LC
Gender
Plug
Housing colour FO Connector
Green
Clip type
Simplex
Clip family
Classic
hubersuhner.com


Similar Part No. - PC01LCASLCASA220ESS

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
PC01LCASLCUSA327TSS HUBERSUHNER-PC01LCASLCUSA327TSS Datasheet
197Kb / 2P
Simplex_LC classic-LC classic_APC/UPC_2.7mm_white_SM/A3
More results

Similar Description - PC01LCASLCASA220ESS

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
PHOENIX CONTACT
2902831 PHOENIX-2902831 Datasheet
57Kb / 3P
Adapter - EM RI-ADAPTER CLASSIC
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
Lapp.
00100004 LAPP-00100004 Datasheet
84Kb / 1P
OLFEX CLASSIC 100 300/500V
24.02.2022
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com