Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC01SCASSCASA220ESS Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # PC01SCASSCASA220ESS
Description  Simplex_SC-SC_APC_2.0mm_yellow_SM/A2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

PC01SCASSCASA220ESS Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  PC01SCASSCASA220ESS Datasheet HTML 1Page - Huber+Suhner, Inc. PC01SCASSCASA220ESS Datasheet HTML 2Page - Huber+Suhner, Inc. PC01SCASSCASA220ESS Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA SHEET
Assemblies
Simplex_SC-SC_APC_2.0mm_yellow_SM/A2
PC01_SCAS_SCAS_A220E_XX.X_SS
Properties
• One-piece design
for easy and quick
termination
• Push-pull connector
General data
Assembly family
Simplex patch cord - SC to SC
Application Area
Indoor
Fiber quantity
1 pcs
Flammability rating
UL 94 V-0
Operation temperature
-25 °C ... 70°C
Side A / Le
Type
Fiber Optic Connector
Connector family
SC
Gender
Plug
Housing colour FO Connector
Green
Boot colour
Green
Mating cycles with repeated cleaning
1000
Mechanical Inte ace Standard
IEC 61754-4, TIA 604-3 (SC)
Pe ormance class H+S
S
Polishing
APC
Insertion loss 97%
≤ 0.45 dB
Insertion loss typical
≤ 0.2 dB
Return loss
≥ 65 dB
Side B / Right
Type
Fiber Optic Connector
Connector family
SC
Gender
Plug
Housing colour FO Connector
Green
Boot colour
Green
Mating cycles with repeated cleaning
1000
Mechanical Inte ace Standard
IEC 61754-4, TIA 604-3 (SC)
Pe ormance class H+S
S
hubersuhner.com


Similar Part No. - PC01SCASSCASA220ESS

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
PC01SCUSFCUSSM20ESS HUBERSUHNER-PC01SCUSFCUSSM20ESS Datasheet
296Kb / 3P
Simplex_SC-FC_UPC_2.0mm_yellow_SM
PC01SCUSSCASA220ESS HUBERSUHNER-PC01SCUSSCASA220ESS Datasheet
199Kb / 2P
Simplex_SC-SC_UPC/APC_2.0mm_yellow_SM/A2
PC01SCUSSCUSA220ESS HUBERSUHNER-PC01SCUSSCUSA220ESS Datasheet
284Kb / 3P
Simplex_SC-SC_UPC_2.0mm_yellow_SM/A2
More results

Similar Description - PC01SCASSCASA220ESS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS21Q59, REV A2
02/03/2004 Rev A2
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
283Kb / 19P
NICAM/A2/EIA-J Digital Stereo Decoder
logo
PHOENIX CONTACT
1884335 PHOENIX-1884335 Datasheet
105Kb / 4P
VC-MEMV-A2
1884416 PHOENIX-1884416 Datasheet
98Kb / 4P
VC-MP-A2
logo
Tyco Electronics
3-1469372-7 MACOM-3-1469372-7 Datasheet
123Kb / 2P
ATCA GUIE MODULE (REAR TRANSITION MODULE-A2)
logo
Asahi Kasei Microsystem...
AK4141 AKM-AK4141 Datasheet
2Mb / 96P
NICAM/A2/EIA-J
logo
PHOENIX CONTACT
1679281 PHOENIX-1679281 Datasheet
107Kb / 4P
HC-M-MHR-A2-N
1886773 PHOENIX-1886773 Datasheet
62Kb / 2P
Protective covers - VC-SD-A2
1704535 PHOENIX-1704535 Datasheet
62Kb / 2P
FKC 2,5/ 2-ST BD:A1,A2
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com