Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE331 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # DSE331
Description  AUTO TRANSFER SWITCH CONTROL MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE331 Datasheet(HTML) 2 Page - Deep Sea Electronics

  DSE331 Datasheet HTML 1Page - Deep Sea Electronics DSE331 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DEEP SEA ELECTRONICS PLC UK
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaplc.com WEBSITE www.deepseaplc.com
DEEP SEA ELECTRONICS INC USA
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL sales@deepseausa.com WEBSITE www.deepseausa.com
055-102/08/11 (2)
KEY FEATURES
• Configurable inputs (4)
• Configurable volt-free outputs (4)
• Configurable DC outputs (4)
• Check sync feature
• Icon or English text display
• LED indicator
• Front panel/PC configuration
• Remote monitoring
• Source 1/Source 2 control
• Configurable timers
• Start inhibit
• Load inhibit
• Manual restore to S1
• Supports multiple topologies
• Automatic switch-over between
supplies
• Rotary ATS configuration
• Single event scheduler
• 3-phase display
KEY BENEFITS
• Source 1/Source 2 provides
total flexibility for the
application of the product
• Icon and English text display
for use across global markets
• Fully automatic and switch-
over control minimises the
effects of power disruptions
• User friendly set-up and button
layout
• 3 phase display and check
sync provide enhanced module
functionality
• DSE Configuration Suite PC
Software compatability for
remote control and monitoring
dse331
®
RELATED MATERIALS
TITLE
PART NO’S
DSE331 Installation Instructions
053-131
DSE331 Operators Manual
057-146
DSE331 Configuration Suite Software Manual
057-149
DSE160 Self Seeking Power Supply Data Sheet
055-076
DSE160 Operator Manual
057-108
dse
Ats
Registered in England & Wales No.01319649
VAT No.316923457
Deep Sea Electronics Plc maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only.
FEATURES
SPECIFICATION
DC SUPPLY
CONTINUOUS VOLTAGE RATING
8 V to 35 V Continuous
CRANKING DROPOUTS
Able to survive 0 V for 50 mS, providing
supply was at least 10 V before dropout and
supply recovers to 5 V. This is achieved
without the need for internal batteries.
LEDs and backlight will not be maintained
during cranking.
MAXIMUM OPERATING CURRENT
168 mA at 12 V, 80 mA at 24 V
MAXIMUM STANDBY CURRENT
39 mA at 12 V, 20 mA at 24 V
OUTPUTS
OUTPUT A & B
Normally open volt-free output
8 A DC at 35 V DC
OUTPUT C & D
Changeover volt-free output
8 A DC at 35 V DC
AUXILLARY OUTPUT E, F, G & H
2 A DC at supply voltage
S1 & S2
VOLTAGE RANGE
15 V to 333 V AC (L-N)
FREQUENCY RANGE
3.5 Hz to 75 Hz
DIMENSIONS
OVERALL
180 mm x 116 mm x 42 mm
7.1” x 4.6” x 1.7”
PANEL CUT-OUT
154 mm x 98 mm
6” x 3.9”
MAXIMUM PANEL THICKNESS
8 mm
0.3”
OPERATING TEMPERATURE RANGE
-30
°Cto+70°C
STORAGE TEMPERATURE RANGE
-40
°Cto+80°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com