Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSE331 Datasheet(PDF) 1 Page - Deep Sea Electronics

Part # DSE331
Description  AUTO TRANSFER SWITCH CONTROL MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

DSE331 Datasheet(HTML) 1 Page - Deep Sea Electronics

  DSE331 Datasheet HTML 1Page - Deep Sea Electronics DSE331 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The DSE331 is an Automatic
Transfer Switch Controller. The
DSE331 will monitor the voltage
and frequency of the incoming AC
supply from two different sources,
which could be from both
generator or mains (utility), or a
combination of both. The module
will monitor S1 (source 1) and in the
event of a failure will issue a start
command to S2 (source 2).
Once S2 is available and producing
an output within limits, the module
will control the transfer device and
switch the load from S1 to S2.
Once the S1 supply returns to
within limits, the module will
command a load return to S1
and shut down S2.
Various timing sequences are
available to prevent nuisance
starting on minor supply breaks.
Configurable digital inputs and
outputs make the DSE331 fully
flexible to suit a wide variety of
applications.
The module can be easily
configured using the DSE
Configuration Suite PC Software.
Where there is no DC supply a
DSE160 self seeking power supply
is required.
The DSE331 also supports many
topologies, and includes a clear
back-lit LCD display, showing
system operational status and
warnings.
dse331
AUTO TRANSFER SWITCH CONTROL MODULE
dse
Ats
®
4
PC
ISSUE 1
USB
PORT
CONFIGURABLE
INPUTS
DC POWER
SUPPLY 8-35V
COMPREHENSIVE FEATURE LIST TO SUIT A WIDE VARIETY
OF ATS APPLICATIONS
7
OTHER
DSE331
2
VOLT FREE
CHANGE OVER OUTPUTS
FEATURES
ENVIRONMENTAL TESTING STANDARDS
ELECTRO-MAGNETIC COMPATIBILITY
BS EN 61000-6-2
EMC Generic Immunity Standard for
the Industrial Environment
BS EN 61000-6-4
EMC Generic Emission Standard for
the Industrial Environment
ELECTRICAL SAFETY
BS EN 60950
Safety of Information Technology Equipment,
including Electrical Business Equipment
TEMPERATURE
BS EN 60068-2-1
Ab/Ae Cold Test -30
oC
BS EN 60068-2-2
Bb/Be Dry Heat +70
oC
VIBRATION
BS EN 60068-2-6
Ten sweeps in each of three
major axes
5 Hz to 8 Hz @ +/-7.5 mm,
8 Hz to 500 Hz @ 2 gn
HUMIDITY
BS EN 60068-2-30
Db Damp Heat Cyclic 20/55
oC
@ 95% RH 48 Hours
BS EN 60068-2-78
Cab Damp Heat Static 40
oC
@ 93% RH 48 Hours
SHOCK
BS EN 60068-2-27
Three shocks in each of three major axes
15 gn in 11 mS
DEGREES OF PROTECTION
PROVIDED BY ENCLOSURES
BS EN 60529
IP65 - Front of module when installed into the
control panel with the optional sealing gasket.
4
DC OUTPUTS
S2 SENSING
NORMALLY OPEN VOLT FREE OUTPUTS
1ph
2ph
3ph
N
1
1
1ph
2ph
3ph
N
VOLTS
S1 SENSING
VOLTS


Similar Part No. - DSE331

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSE334 DSE-DSE334 Datasheet
169Kb / 2P
AUTO TRANSFER SWITCH CONTROL MODULE
DSE335 DSE-DSE335 Datasheet
349Kb / 2P
Auto Transfer Switch Control Module
More results

Similar Description - DSE331

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6178 PASTERNACK-PE71S6178 Datasheet
452Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com