Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M040 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # M040
Description  DEVELOPMENT KIT FOR THE M64X PROGRAMMABLE CONTROLLER RANGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M040 Datasheet(HTML) 2 Page - Deep Sea Electronics

  M040 Datasheet HTML 1Page - Deep Sea Electronics M040 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Abbreviations
OUT PWM, H, L
Output can be configured as a PWM, PWMi, digital high-side or digital low-side.
OUT H
Output is digital high.
OUT H, L
Output can be configured as a digital high-side or digital low side.
AIN
Input can be configured to accept signals from positive digital, negative digital, 0 V to 5 V, 0 V to 10 V, 0 V to 32 V, 4 mA to 20 mA, ratiometric or resistive.
DIN, H, L, FREQ
Input can be configured to accept signals from positive digital, negative digital or frequency.
DSEControl®
DSEM040
DEVELOPMENT KIT FOR THE M64#
PROGRAMMABLE CONTROLLER RANGE
055–229/10/17 (2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com