Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M040 Datasheet(PDF) 1 Page - Deep Sea Electronics

Part # M040
Description  DEVELOPMENT KIT FOR THE M64X PROGRAMMABLE CONTROLLER RANGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M040 Datasheet(HTML) 1 Page - Deep Sea Electronics

  M040 Datasheet HTML 1Page - Deep Sea Electronics M040 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSEM040
DEVELOPMENT KIT FOR THE M64X
PROGRAMMABLE CONTROLLER RANGE
DEEP SEA ELECTRONICS PLC UK
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaplc.com WEBSITE www.deepseaplc.com
DEEP SEA ELECTRONICS INC USA
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL sales@deepseausa.com WEBSITE www.deepseausa.com
Deep Sea Electronics Plc maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only
Registered in England & Wales No.01319649
VAT No.316923457
055–229/10/17 (2)
OVERVIEW
DC SUPPLY
8 V DC to 32 V DC
TOTAL INPUTS/OUTPUTS
68 (32 inputs / 36 outputs)
INPUTS
32 sprung terminal blocks, split into 2
blocks
OUTPUTS
36 sprung terminal blocks, split into 2
blocks
INTERFACES
CAN 1.4
Sub D9 connectors and sprung terminal
blocks
Built in 120 ohm termination resistors via
jumper connected
ETHERNET
10 Mbit/s / 100 Mbit/s, Duplex
USB
USB Host 2.0 (12 Mbit/s)
DIMENSIONS
Breakout PCB
46 mm x 320 mm x 210 mm (H x W x D)
1.81 " x 12.6 " x 8.27 " (H x W x D)
Case
160 mm x 437 mm x 379 mm (H x W x D)
6.3“ x 17.2 “ x14.92 “ (H x W x D)
WEIGHT
4.25 kg
STORAGE TEMPERATURE RANGE
-40 ˚C to +85 ˚C
-40 ˚F to +185 ˚F
OPERATING TEMPERATURE RANGE
-40 ˚C to +85 ˚C
-40 ˚F to +185 ˚F
RELATED MATERIALS
TITLE
PART NO.
M040 Operator Manual
057-261
M640 Operator Manual
057-244
M640 Data Sheet
055-198
DSEControl®
KEY FEATURES / SUMMARY
• Development break out PCB for application development.
• Set of connecting harnesses for plug and play system.
• Multiple power configurations.
• Access to all inputs and outputs via sprung terminal blocks.
• CAN interfaces via Sub D9 connectors and sprung terminal blocks.
• Individual power and ground connection via 4mm jack connectors.
• Ethernet programming cable and USB data cable included.
• Suitable for both M640 and M643 controllers.
*The M640 is not included in this kit. It must be purchased separately. Laptop is shown for visualisation purposes only. No laptop is supplied in the kit.


Similar Part No. - M040

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
M0400-101-4-000 AMP-M0400-101-4-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
List of Unclassifed Man...
M0400-102-5-000 ETC2-M0400-102-5-000 Datasheet
149Kb / 3P
80mm Servo Motor, 400W
logo
Applied Motion Products...
M0400-102-5-000 AMP-M0400-102-5-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
Mclennan Servo Supplie...
M0400-105-4-000 MCLENNAN-M0400-105-4-000 Datasheet
113Kb / 3P
60mm Servo Motor, 400W
logo
Applied Motion Products...
M0400-105-4-000 AMP-M0400-105-4-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
More results

Similar Description - M040

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
IPS-DDK ZORAN-IPS-DDK Datasheet
107Kb / 2P
Driver Development Kit for Windows
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
ATMEL Corporation
AT43DK355 ATMEL-AT43DK355 Datasheet
767Kb / 31P
AT43DK355 USB Controller Development Kit for the AT43USB35X Family
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
ATMEL Corporation
ATAN0063 ATMEL-ATAN0063 Datasheet
18Mb / 55P
ATAK43001-V1 Development Kit for the ATA664251 Atmel IC
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com