Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6421 Datasheet HTML 1Page - Texas Instruments TMS320C6421 Datasheet HTML 2Page - Texas Instruments TMS320C6421 Datasheet HTML 3Page - Texas Instruments TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 227 page
background image
www.ti.com
Contents
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346B – JANUARY 2007 – REVISED APRIL 2007
5.3
Electrical Characteristics Over Recommended
1
TMS320C6421 Fixed-Point Digital Signal
Ranges of Supply Voltage and Operating
Processor
.................................................. 1
Temperature (Unless Otherwise Noted)
........... 116
1.1
Features
.............................................. 1
6
Peripheral Information and Electrical
1.2
Description
............................................ 2
Specifications
......................................... 117
1.3
Functional Block Diagram
............................ 4
6.1
Parameter Information
............................. 117
Revision History
............................................... 6
6.2
Recommended Clock and Control Signal Transition
2
Device Overview
......................................... 7
Behavior
............................................ 118
2.1
Device Characteristics
................................ 7
6.3
Power Supplies
.................................... 118
2.2
C64x+ Megamodule
.................................. 8
6.4
Enhanced Direct Memory Access (EDMA3)
Controller
........................................... 126
2.3
Memory Map Summary
............................. 18
6.5
Reset
............................................... 139
2.4
Pin Assignments
.................................... 20
6.6
External Clock Input From MXI/CLKIN Pin
........ 148
2.5
Terminal Functions
.................................. 29
6.7
Clock PLLs
......................................... 150
2.6
Device Support
...................................... 61
6.8
Interrupts
........................................... 155
2.7
Device and Development-Support Tool
Nomenclature
....................................... 61
6.9
External Memory Interface (EMIF)
................. 158
2.8
Documentation Support
............................. 63
6.10
Universal Asynchronous Receiver/Transmitter
(UART)
............................................. 166
3
Device Configurations
................................. 64
6.11
Inter-Integrated Circuit (I2C)
....................... 169
3.1
System Module Registers
........................... 64
6.12
Host-Port Interface (HPI) Peripheral
............... 173
3.2
Power Considerations
............................... 65
6.13
Multichannel Buffered Serial Port (McBSP)
........ 180
3.3
Clock Considerations
................................ 67
6.14
Multichannel Audio Serial Port (McASP0)
3.4
Boot Sequence
...................................... 69
Peripheral
.......................................... 188
3.5
Configurations At Reset
............................. 78
6.15
Ethernet Media Access Controller (EMAC)
........ 196
3.6
Configurations After Reset
.......................... 80
6.16
Management Data Input/Output (MDIO)
.......... 205
3.7
Multiplexed Pin Configurations
...................... 84
6.17
Timers
.............................................. 207
3.8
Device Initialization Sequence After Reset
........ 108
6.18
Pulse Width Modulator (PWM)
..................... 210
3.9
Debugging Considerations
......................... 110
6.19
VLYNQ
............................................. 212
4
System Interconnect
................................. 112
6.20
General-Purpose Input/Output (GPIO)
............. 216
4.1
System Interconnect Block Diagram
............... 112
6.21
IEEE 1149.1 JTAG
................................. 220
5
Device Operating Conditions
....................... 114
7
Mechanical Data
....................................... 222
5.1
Absolute Maximum Ratings Over Operating
7.1
Thermal Data for ZWT
............................. 222
Temperature Range (Unless Otherwise Noted)
... 114
7.1.1
Thermal Data for ZDU
............................. 223
5.2
Recommended Operating Conditions
............. 115
7.1.2
Packaging Information
............................. 223
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com