Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6421 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6421 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C6421 Datasheet HTML 67Page - Texas Instruments TMS320C6421 Datasheet HTML 68Page - Texas Instruments TMS320C6421 Datasheet HTML 69Page - Texas Instruments TMS320C6421 Datasheet HTML 70Page - Texas Instruments TMS320C6421 Datasheet HTML 71Page - Texas Instruments TMS320C6421 Datasheet HTML 72Page - Texas Instruments TMS320C6421 Datasheet HTML 73Page - Texas Instruments TMS320C6421 Datasheet HTML 74Page - Texas Instruments TMS320C6421 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 227 page
background image
www.ti.com
TMS320C6421
Fixed-Point Digital Signal Processor
SPRS346B – JANUARY 2007 – REVISED APRIL 2007
Table 3-5. User-Select Multiplier Fastboot Modes (FASTBOOT = 1)
DEVICE BOOT AND
CONFIGURATION
PLLC1 CLOCK SETTING AT BOOT
PINS
C6421 DSP
DSPBOOTADDR
BOOT DESCRIPTION(1)
(Master/Slave)
(DEFAULT)(1)
DEVICE
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
0001
Reserved
–
–
–
–
–
0010
HPI Boot
Slave
Table 3-6
/2
Table 3-6
0x0010 0000
0011
Reserved
–
–
–
–
–
EMIFA ROM FASTBOOT
0100
Master
Table 3-6
/2
Table 3-6
0x0010 0000
with AIS
I2C Boot
0101
Master
Table 3-6
/2
Table 3-6
0x0010 0000
[FAST MODE](3)
0110
16-bit SPI Boot [McBSP0]
Master
Table 3-6
/2
Table 3-6
0x0010 0000
0111
NAND Flash Boot
Master
Table 3-6
/2
Table 3-6
0x0010 0000
UART Boot without
1000
Hardware Flow Control
Master
Table 3-6
/2
Table 3-6
0x0010 0000
[UART0]
EMIFA ROM FASTBOOT
1001
Master
Table 3-6
/2
Table 3-6
–
without AIS
1010
Reserved
–
–
–
–
–
1011
Reserved
–
–
–
–
–
1100
Reserved
–
–
–
–
–
1101
Reserved
–
–
–
–
–
UART Boot with Hardware
1110
Master
Table 3-6
/2
Table 3-6
0x0010 0000
Flow Control [UART0]
1111
Reserved
–
–
–
–
–
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000, the bootloader code disables all C64x+ cache (L2, L1P, and L1D)
so that upon exit from the bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application
code must explicitly enable the cache.For more information on the bootloader, see the Using the TMS320C642x Bootloader Application
Report (literature number SPRAAK5).
(2)
Any supported PLL MODE is available. [See Table 3-6 for supported C6421 PLL MODE options].
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz to 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
Table 3-6. PLL Multiplier Selection (PLLMS[2:0]) in User-Select Multiplier Fastboot Modes
(FASTBOOT = 1)
DEVICE BOOT AND
PLLC1 CLOCK SETTING AT BOOT
CONFIGURATION PINS
CLKDIV1 DOMAIN
PLLMS[2:0]
PLL MODE
DEVICE FREQUENCY (SYSCLK1)
(SYSCLK1 DIVIDER)
000
x20
/2
CLKIN x20 / 2
001
x15
/2
CLKIN x15 / 2
010
x16
/2
CLKIN x16 / 2
011
x18
/2
CLKIN x18 / 2
100
x22
/2
CLKIN x22 / 2
101
x25
/2
CLKIN x25 / 2
110
x27
/2
CLKIN x27 / 2
111
x30
/2
CLKIN x30 / 2
Submit Documentation Feedback
Device Configurations
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com