Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS868 Datasheet(PDF) 1 Page - QuWireless

Part # AS868
Description  Directional 915MHz LoRa outdoor antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

AS868 Datasheet(HTML) 1 Page - QuWireless

  AS868 Datasheet HTML 1Page - QuWireless AS868 Datasheet HTML 2Page - QuWireless AS868 Datasheet HTML 3Page - QuWireless AS868 Datasheet HTML 4Page - QuWireless  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QuPanel LoRa 868MHz
Directional 915MHz LoRa outdoor antenna
QuPanel LoRa EU operates at 868MHz (EU868, IN865, RU864) with 8.5dBi gain, making it the perfect choice for
extending the reach and reliability of your Long Range (LoRa) wireless communication networks. The outdoor
sector antenna is compatible with Helium Network devices like SenseCAP M1 and other IoT Gateways. Comparing
to omnidirectional antenna, sector antenna transmits signal to a farther distance because of the antenna’s
directional gain.
Advanced mounting system gives significant advantage that it can be adjusted in the range of +/-35 degrees in
two planes, also in case of wall mounting.
Unlock the full potential of your LoRa-based IoT applications with our directional, outdoor LoRa antenna.
Experience extended range, reduced interference, and enhanced connectivity for your LoRa networks. Trust in its
durability, precision, and ease of installation to elevate the performance of your IoT solutions.
DATASHEET / AS868
VERSION / 2.07
OUTDOOR ANTENNA WORKS IN ANY
WEATHER CONDITIONS, IP67
WALL OR POLE MOUNTING BRACKET
NF CONNECTOR
75° BEAMWIDTH
POE 8.5DBI GAIN


Similar Part No. - AS868

ManufacturerPart #DatasheetDescription
logo
AUREL S.p.A.
AS868 AUREL-AS868 Datasheet
253Kb / 1P
Vertical Antenna for Outdoor use
logo
QuWireless
AS868XR QUWIRELESS-AS868XR Datasheet
1Mb / 4P
Directional 868MHz LoRa outdoor antenna
More results

Similar Description - AS868

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB915B03F21 ETC2-OMB915B03F21 Datasheet
411Kb / 9P
3.5dBi 915MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
TI165F11 ETC2-TI165F11 Datasheet
553Kb / 13P
915MHz 5dBi Outdoors Omni-Directional Rigid Whip Antenna
logo
Level One
WAN-2218 LVL1-WAN-2218 Datasheet
251Kb / 3P
18dBi Directional Yagi Outdoor Antenna
logo
Pulse A Technitrol Comp...
RO3ISMNM PULSE-RO3ISMNM Datasheet
345Kb / 4P
Outdoor Rated, Omni Directional Antenna
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
915MHz LoRa Transceiver Module
logo
SparkFun Electronics
WRL-14868 SPARKFUN-WRL-14868 Datasheet
207Kb / 2P
915MHz LoRa Fiberglass Antenna Type N - 6dBi
9??0??8
WRL-14875 SPARKFUN-WRL-14875 Datasheet
65Kb / 1P
915MHz LoRa Antenna RP-SMA - 1/4 Wave 2dBi
WRL-14916 SPARKFUN-WRL-14916 Datasheet
196Kb / 2P
SparkFun Pro RF - LoRa, 915MHz (SAMD21)
10??3??8
logo
Molex Electronics Ltd.
2161960011 MOLEX-2161960011 Datasheet
34Kb / 1P
Lora 915MHz High-Band External Antenna, 196.00mm Length, with RP-SMA (M) Connector
03/14/2022
logo
Suzhou Maswell Communic...
AN.4G.915.HL MASWELL-AN.4G.915.HL Datasheet
365Kb / 5P
Fibreglass antenna high gain 915MHz for Lora and Helium communication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com