Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR340 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR340
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR340 Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR340 Datasheet HTML 1Page - NXP Semiconductors PBYR340 Datasheet HTML 2Page - NXP Semiconductors PBYR340 Datasheet HTML 3Page - NXP Semiconductors PBYR340 Datasheet HTML 4Page - NXP Semiconductors PBYR340 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR345CTD series
Schottky barrier
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
per diode
-
-
5
K/W
to mounting base
both diodes
-
-
4
K/W
R
th j-a
Thermal resistance junction
pcb mounted, minimum footprint, FR4
-
50
-
K/W
to ambient
board
ELECTRICAL CHARACTERISTICS
All characteristics are per diode at T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage
I
F = 1.5 A; Tj = 125˚C
-
0.51
0.57
V
I
F = 3 A; Tj = 125˚C
-
0.62
0.7
V
I
F = 3 A
-
0.71
0.84
V
I
R
Reverse current
V
R = VRWM
-
0.05
0.2
mA
V
R = VRWM; Tj = 100˚C
-
3.2
8
mA
C
d
Junction capacitance
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
65
-
pF
September 1998
2
Rev 1.100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com